Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8213WHRMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8213WHRMZ-R7
Description  Dual, High Voltage, Current Shunt Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8213WHRMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8213WHRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AD8213
Data Sheet
Rev. D | Page 12 of 14
APPLICATIONS INFORMATION
HIGH-SIDE CURRENT SENSE WITH A LOW-SIDE
SWITCH
In such load control configurations, the PWM controlled switch
is ground referenced. An inductive load (solenoid) is tied to a
power supply. A resistive shunt is placed between the switch and
the load (see Figure 28). An advantage of placing the shunt on
the high side is that the entire current, including the recirculation
current, can be measured because the shunt remains in the loop
when the switch is off. In addition, diagnostics can be enhanced
because shorts to ground can be detected with the shunt on the
high side. In this circuit configuration, when the switch is
closed, the common-mode voltage moves down to near the
negative rail. When the switch is opened, the voltage reversal
across the inductive load causes the common-mode voltage to
be held one diode drop above the battery by the clamp diode.
–IN2
1
+IN2
2
GND
3
OUT2
4
CF2
5
–IN1 10
+IN1
9
V+
8
OUT1
7
CF1
6
AD8213
INDUCTIVE
LOAD
CLAMP
DIODE
SWITCH
SHUNT
BATTERY
INDUCTIVE
LOAD
CLAMP
DIODE
SWITCH
SHUNT
BATTERY
5V
CAP1
CAP2
Figure 28. Low-Side Switch
HIGH-SIDE CURRENT SENSING
In this configuration, the shunt resistor is referenced to the battery.
High voltage is present at the inputs of the current sense amplifier.
In this mode, the recirculation current is measured again and
shorts to ground can be detected. When the shunt is battery
referenced, the AD8213 produces a linear ground referenced
analog output. An AD8214 can also provide an overcurrent
detection signal in as little as 100 ns. This feature is useful in
high current systems where fast shutdown in overcurrent
conditions is essential.
–IN2
1
+IN2
2
GND
3
OUT2
4
CF2
5
–IN1 10
+IN1
9
V+
8
OUT1
7
CF1
6
AD8213
LOAD
SWITCH
CAP2
SHUNT
1
VS
2
+IN
3
VREG
4
NC
8
–IN
7
NC
6
GND
5
OUT
AD8214
OVERCURRENT
DETECTION (<100ns)
LOAD
SWITCH
CAP1
SHUNT
1
VS
2
+IN
3
VREG
4
NC
8
–IN
7
NC
6
GND
5
OUT
AD8214
OVERCURRENT
DETECTION (<100ns)
5V
Figure 29. Battery Referenced Shunt Resistor
LOW-SIDE CURRENT SENSING
In systems where low-side current sensing is preferred, the
AD8213 provides an integrated solution with great accuracy.
Ground noise is rejected, CMRR is typical higher than 90 dB, and
output linearity is not compromised, regardless of the input
differential voltage.
–IN2
1
+IN2
2
GND
3
OUT2
4
CF2
5
–IN1 10
+IN1
9
V+
8
OUT1
7
CF1
6
AD8213
INDUCTIVE
LOAD
CLAMP
DIODE
SWITCH
SHUNT
BATTERY
INDUCTIVE
LOAD
CLAMP
DIODE
SWITCH
SHUNT
BATTERY
5V
Figure 30. Ground Referenced Shunt Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com