Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8213WHRMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8213WHRMZ-R7
Description  Dual, High Voltage, Current Shunt Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8213WHRMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8213WHRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
AD8213
Data Sheet
Rev. D | Page 14 of 14
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
6°
0°
0.70
0.55
0.40
5
10
1
6
0.50 BSC
0.30
0.15
1.10 MAX
3.10
3.00
2.90
COPLANARITY
0.10
0.23
0.13
3.10
3.00
2.90
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 33. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8213YRMZ
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
H0U
AD8213YRMZ-RL
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP], 13”Tape and Reel
RM-10
H0U
AD8213YRMZ-R7
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP], 7”Tape and Reel
RM-10
H0U
AD8213WYRMZ
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
Y2B
AD8213WYRMZ-RL
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP], 13”Tape and Reel
RM-10
Y2B
AD8213WYRMZ-R7
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP], 7”Tape and Reel
RM-10
Y2B
AD8213WHRMZ
−40°C to +150°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
Y5C
AD8213WHRMZ-RL
−40°C to +150°C
10-Lead Mini Small Outline Package [MSOP], 13”Tape and Reel
RM-10
Y5C
AD8213WHRMZ-R7
−40°C to +150°C
10-Lead Mini Small Outline Package [MSOP], 7”Tape and Reel
RM-10
Y5C
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8213W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
©2007–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06639-0-12/16(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com