Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8213WHRMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8213WHRMZ-R7
Description  Dual, High Voltage, Current Shunt Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8213WHRMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8213WHRMZ-R7 Datasheet HTML 1Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Dual, High Voltage,
Current Shunt Monitor
Data Sheet
AD8213
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
±4000 V human body model (HBM) ESD
High common-mode input voltage range
−2 V to +65 V operating
−3 V to +68 V survival
Buffered output voltage
Wide operating temperature range
−40°C to +125°C for Y grade
−40°C to +150°C for H grade
Excellent ac and dc performance
−10 ppm/°C typical gain drift
120 dB typical CMRR at dc
Qualified for automotive applications
APPLICATIONS
High-side current sensing
Motor controls
Transmission controls
Diesel injection controls
Engine management
Suspension controls
Vehicle dynamic controls
DC to DC converters
FUNCTIONAL BLOCK DIAGRAM
A2
G = +20
–IN2
+IN2
PROPRIETARY
OFFSET
CIRCUITRY
CF2
OUT2
A1
G = +20
–IN1
+IN1
PROPRIETARY
OFFSET
CIRCUITRY
CF1
GND
OUT1
V+
AD8213
Figure 1.
GENERAL DESCRIPTION
The AD8213 is a dual-channel, precision current sense amplifier.
It features a set gain of 20 V/V, with a maximum ±0.5% gain
error over the entire temperature range. The buffered output
voltage directly interfaces with any typical converter. Excellent
common-mode rejection from −2 V to +65 V, is independent of
the 5 V supply. The AD8213 performs unidirectional current
measurements across a shunt resistor in a variety of industrial
and automotive applications, such as motor control, solenoid
control, or battery management.
Special circuitry is devoted to output linearity being maintained
throughout the input differential voltage range of 0 mV to 250 mV,
regardless of the common-mode voltage present. The AD8213
also features additional pins that allow the user to low-pass filter
the input signal before amplifying, via an external capacitor to
ground. The AD8213 has an operating temperature range of −40°C
to +125°C for the Y grade, −40°C to +150°C for the H grade and is
offered in a small 10-lead MSOP package.


Similar Part No. - AD8213WHRMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8213 AD-AD8213 Datasheet
460Kb / 16P
Dual, High Voltage Current Shunt Monitor
5/07-Revision 0
AD8213YRMZ AD-AD8213YRMZ Datasheet
460Kb / 16P
Dual, High Voltage Current Shunt Monitor
5/07-Revision 0
AD8213YRMZ-RL AD-AD8213YRMZ-RL Datasheet
460Kb / 16P
Dual, High Voltage Current Shunt Monitor
5/07-Revision 0
AD8213YRMZ-RL7 AD-AD8213YRMZ-RL7 Datasheet
460Kb / 16P
Dual, High Voltage Current Shunt Monitor
5/07-Revision 0
More results

Similar Description - AD8213WHRMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
High Voltage Current Shunt Monitor
AD8213 AD-AD8213 Datasheet
460Kb / 16P
Dual, High Voltage Current Shunt Monitor
5/07-Revision 0
AD8212 AD-AD8212_07 Datasheet
386Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
High Voltage, Current Shunt Monitor
REV. A
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
309Kb / 16P
High Voltage Current Shunt Monitor
REV. A
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
High Voltage Current Shunt Monitor
REV. B
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
High Voltage Current Shunt Monitor
REV. A
AD8211 AD-AD8211_16 Datasheet
350Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. B to Rev. C
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
High Voltage Current Shunt Monitor
5/2017-Rev. B to Rev. C
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com