Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8213WHRMZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8213WHRMZ-R7
Description  Dual, High Voltage, Current Shunt Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8213WHRMZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  AD8213WHRMZ-R7 Datasheet HTML 1Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8213WHRMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AD8213
Data Sheet
Rev. D | Page 2 of 14
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
ESD Caution.................................................................................. 4
 
Pin Configuration and Function Descriptions............................. 5
 
Typical Performance Characteristics ............................................. 6
 
Theory of Operation ...................................................................... 10
 
Application Notes ........................................................................... 11
 
Output Linearity......................................................................... 11
 
Low-Pass Filtering...................................................................... 11
 
Applications Information .............................................................. 12
 
High-Side Current Sense with a Low-Side Switch................. 12
 
High-Side Current Sensing ....................................................... 12
 
Low-Side Current Sensing ........................................................ 12
 
Bidirectional Current Sensing .................................................. 13
 
Outline Dimensions ....................................................................... 14
 
Ordering Guide .......................................................................... 14
 
Automotive Products ................................................................. 14
 
REVISION HISTORY
12/2016—Rev. C to Rev. D
Changes to Features Section............................................................ 1
Changes to Table 1............................................................................ 3
Changes to Figure 30...................................................................... 12
Change to Ordering Guide............................................................ 14
Add Automotive Products Section............................................... 14
10/2013—Rev. B to Rev. C
Changed Offset Voltage (RTI) Parameter from ±1 mV
Maximum to ±1 mV Typical, Table 1 ............................................ 3
4/2013—Rev. A to Rev. B
Added H Grade (Throughout) ....................................................... 1
Changes to Table 1............................................................................ 3
Added AD8213WH Temperature Range, Table 2........................ 4
Updated Outline Dimensions ....................................................... 14
Changes to Ordering Guide .......................................................... 14
5/2009—Rev. 0 to Rev. A
Changes to Ordering Guide .......................................................... 14
5/2007—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com