Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8318ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD8318
Rev. D | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
9
2
CMIP
CMIP
VPSI
VPSI
CMIP
CMIP
TADJ
VPSO
NOTES
1. EPAD. INTERNALLY CONNECTED
TO CMIP (SOLDER TO GROUND).
AD8318
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 11, 12
CMIP
Device Common (Input System Ground).
3, 4
VPSI
Positive Supply Voltage (Input System): 4.5 V to 5.5 V. Voltage on Pin 3, Pin 4, and Pin 9 should be equal.
5
CLPF
Loop Filter Capacitor.
6
VOUT
Measurement and Controller Output.
7
VSET
Setpoint Input for Controller Mode or Feedback Input for Measurement Mode.
8
CMOP
Device Common (Output System Ground).
9
VPSO
Positive Supply Voltage (Output System): 4.5 V to 5.5 V. Voltage on Pin 3, Pin 4, and Pin 9 should be equal.
10
TADJ
Temperature Compensation Adjustment.
13
TEMP
Temperature Sensor Output.
14
INHI
RF Input. Nominal input range: −60 dBm to 0 dBm (referenced to 50 Ω), ac-coupled.
15
INLO
RF Common for INHI. AC-coupled RF common.
16
ENBL
Device Enable. Connect to VPSI for normal operation. Connect pin to ground for disable mode.
EPAD
Internally Connected to CMIP (Solder to Ground).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com