Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8318ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1 MHz to 8 GHz, 70 dB
Logarithmic Detector/Controller
Data Sheet
AD8318
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wide bandwidth: 1 MHz to 8 GHz
High accuracy: ±1.0 dB over 55 dB range (f < 5.8 GHz)
Stability over temperature: ±0.5 dB
Low noise measurement/controller output (VOUT)
Pulse response time: 10 ns/12 ns (fall/rise)
Integrated temperature sensor
Small footprint LFCSP
Power-down feature: <1.5 mW at 5 V
Single-supply operation: 5 V at 68 mA
Fabricated using high speed SiGe process
APPLICATIONS
RF transmitter PA setpoint control and level monitoring
RSSI measurement in base stations, WLAN, WiMAX, and
radars
FUNCTIONAL BLOCK DIAGRAM
TEMP
SENSOR
GAIN
BIAS
SLOPE
DET
DET
DET
DET
INHI
INLO
I
V
VOUT
I
V
VSET
CLPF
TEMP
VPSI
ENBL
TADJ
VPSO
CMOP
CMIP
Figure 1.
GENERAL DESCRIPTION
The AD8318 is a demodulating logarithmic amplifier, capable
of accurately converting an RF input signal to a corresponding
decibel-scaled output voltage. It employs the progressive
compression technique over a cascaded amplifier chain, each
stage of which is equipped with a detector cell. The device is
used in measurement or controller mode. The AD8318 maintains
accurate log conformance for signals of 1 MHz to 6 GHz and
provides useful operation to 8 GHz. The input range is typically
60 dB (referenced to 50 Ω) with error less than ±1 dB. The
AD8318 has a 10 ns response time that enables RF burst
detection to beyond 45 MHz. The device provides unprecedented
logarithmic intercept stability vs. ambient temperature conditions.
A 2 mV/°C slope temperature sensor output is also provided for
additional system monitoring. A single supply of 5 V is required.
Current consumption is typically 68 mA. Power consumption
decreases to <1.5 mW when the device is disabled.
The AD8318 can be configured to provide a control voltage
to a VGA, such as a power amplifier or a measurement output,
from Pin VOUT. Because the output can be used for controller
applications, wideband noise is minimal.
In this mode, the setpoint control voltage is applied to VSET.
The feedback loop through an RF amplifier is closed via VOUT,
the output of which regulates the amplifier output to a magnitude
corresponding to VSET. The AD8318 provides 0 V to 4.9 V
output capability at the VOUT pin, suitable for controller
applications. As a measurement device, Pin VOUT is externally
connected to VSET to produce an output voltage, VOUT, which is
a decreasing linear-in-dB function of the RF input signal
amplitude.
The logarithmic slope is nominally −25 mV/dB but can be
adjusted by scaling the feedback voltage from VOUT to the
VSET interface. The intercept is 20 dBm (referenced to 50 Ω,
CW input) using the INHI input. These parameters are very
stable against supply and temperature variations.
The AD8318 is fabricated on a SiGe bipolar IC process and is
available in a 4 mm × 4 mm, 16-lead LFCSP for the operating
temperature range of –40oC to +85oC.
2.4
0
–65
10
PIN (dBm)
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
6
–6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
Figure 2. Typical Logarithmic Response and Error vs. Input Amplitude at 5.8 GHz


Similar Part No. - AD8318ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318ACPZ-R2 AD-AD8318ACPZ-R2 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318ACPZ-R2 AD-AD8318ACPZ-R2 Datasheet
2Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
Rev. E
More results

Similar Description - AD8318ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
logo
Analog Devices
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
Logarithmic Detector/Controller
8/2017-Rev. 0 to Rev. A
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
LOGARITHMIC DETECTOR / CONTROLLER
HMC601LP4 AD-HMC601LP4 Datasheet
494Kb / 8P
FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
LOGARITHMIC DETECTOR / CONTROLLER
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC662LP3E AD-HMC662LP3E Datasheet
473Kb / 8P
LOGARITHMIC DETECTOR
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
LOGARITHMIC DETECTOR
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
Logarithmic Detector
11/14-Rev. 00.0813 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com