Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8318ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD8318
Rev. D | Page 13 of 24
VPSI
2kΩ
A = 8.6dB
20kΩ
20kΩ
CURRENT
gm
STAGE
INLO
INHI
OFFSET
COMP
10pF
10pF
FIRST
GAIN
STAGE
Figure 26. Input Interface
While the input can be reactively matched, this is typically not
necessary. An external 52.3 Ω shunt resistor (connected on the
signal side of the input coupling capacitors, see Figure 23)
combines with the relatively high input impedance to provide
an adequate broadband 50 Ω match.
Table 4. Input Impedance for Select Frequency
Frequency
S11
Impedance Ω
(MHz)
Real
Imaginary
(Series)
100
+0.918
−0.041
927-j491
450
+0.905
−0.183
173-j430
900
+0.834
−0.350
61-j233
1900
+0.605
−0.595
28-j117
2200
+0.524
−0.616
28-j102
3600
+0.070
−0.601
26-j49
5300
−0.369
−0.305
20-j16
5800
−0.326
−0.286
22-j16
8000
−0.390
−0.062
22-j3
The coupling time constant, 50 × CC/2, forms a high-pass
corner with a 3 dB attenuation at fHP = 1/(2π × 50 × CC), where
C1 = C2 = CC. Using the typical value of 1 nF, this high-pass
corner is ~3.2 MHz. In high frequency applications, fHP must be
as large as possible to minimize the coupling of unwanted low
frequency signals. Likewise, in low frequency applications, a
simple RC network forming a low-pass filter must be added,
generally placed at the generator side of the coupling capacitors,
thereby lowering the required capacitance value for a given
high-pass corner frequency.
OUTPUT INTERFACE
The logarithmic output interface is shown in Figure 27. The
VOUT pin is driven by a PNP output stage. An internal 10 Ω
resistor is placed in series with the emitter follower output and
the VOUT pin. The rise time of the output is limited mainly by
the slew on CLPF. The fall time is an RC limited slew provided
by the load capacitance and the pull-down resistance at VOUT.
There is an internal pull-down resistor of 350 Ω. Any resistive
load at VOUT is placed in parallel with the internal pull-down
resistor and provides additional discharge current.
+
0.2V
150Ω
200Ω
–
10Ω
VOUT
VPSO
CLPF
CMOP
Figure 27. Output Interface
SETPOINT INTERFACE
The setpoint interface is shown in Figure 28. The VSET input
drives the high impedance (250 kΩ) input of an internal
operational amplifier. The VSET voltage appears across the
internal 3.13 kΩ resistor to generate ISET. When a portion
of VOUT is applied to VSET, the feedback loop forces
−ID × log10(VIN/VINTERCEPT) = ISET
(2)
If VSET = VOUT/X, ISET = VOUT/(X × 3.13 kΩ). The result is
VOUT = (−ID × 3.13 kΩ × X) × log10(VIN/VINTERCEPT).
3.13kΩ
ISET
CMOP
VSET
Figure 28. VSET Interface
The slope is given by −ID × X × 3.13 kΩ = −500 mV × X. For
example, if a resistor divider to ground is used to generate a
VSET voltage of VOUT/2, X = 2. The slope is set to −1 V/decade or
−50 mV/dB.
TEMPERATURE COMPENSATION OF OUTPUT
VOLTAGE
The AD8318 functionality includes the capability to externally
trim the temperature drift. Attaching a ground-referenced
resistor to the TADJ pin alters an internal current, minimizing
intercept drift vs. temperature. As a result, the RTADJ can be
optimized for operation at different frequencies.
2kΩ
ICOMP
~0.4V
TADJ
2V
VINTERNAL
Figure 29. TADJ Interface
RTADJ, nominally 499 Ω for optimal temperature compensation
at 2.2 GHz input frequency, is connected between the TADJ pin
and ground (see Figure 23). The value of this resistor partially
determines the magnitude of an analog correction coefficient
that is employed to reduce intercept drift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com