Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8318ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8318
Data Sheet
Rev. D | Page 20 of 24
0
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
1.2
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0.60.81.01.2
1.41.61.82.0
VSET (V)
Figure 44. AD8367 Output Power vs. AD8318 Setpoint Voltage
For the AGC loop to remain locked, the AD8318 must track the
envelope of the VGA output signal and provide the necessary
voltage levels to the AD8367 gain control input. Figure 45
shows an oscilloscope screen image of the AGC loop depicted
in Figure 43. A 50 MHz sine wave with 50% AM modulation is
applied to the AD8367. The output signal from the VGA is a
constant envelope sine wave with an amplitude corresponding
to a setpoint voltage at the AD8318 of 1.0 V.
CH1 50.0mV
CH2 200mV
M4.00ms
A CH2
64.0mV
1
2
3
AM MODULATED INPUT
AD8318 VOUT
AD8367 OUTPUT
CH3 20.0mV
Figure 45. Oscilloscope Screen Image Showing an AM Modulated
Input Signal to the AD8367. The AD8318 tracks the envelope
of this input signal and applies the appropriate voltage to ensure
a constant output from the AD8367.
The 45 dB control range is constant for the range of VSET
voltages. The input power levels to the AD8367 must be optimized
to achieve this range. In Figure 46, the minimum and maximum
input power levels are shown vs. setpoint voltage.
10
–80
–70
–60
–50
–40
–30
–20
–10
0
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
VSET (V)
MAXIMUM INPUT LEVEL
MINIMUM INPUT LEVEL
Figure 46. Setpoint Voltage vs. Input Power. Optimal
signal levels must be used to achieve the full 45 dB
dynamic range capabilities of the AD8367.
In some cases, if VGAIN is >1.0 V it can take an unusually long
time for the AGC loop to recover; that is, the output of the
AD8318 remains at an abnormally high value and the gain is set
to its maximum level. A voltage divider is placed between the
output of the AD8318 and the AD8367 GAIN pin to ensure that
VGAIN does not exceed 1.0 V.
In Figure 43, CHP and RHP are configured to reduce oscillation
and distortion due to harmonics at higher gain settings. Some
additional filtering is recommended between the output of the
AD8367 and the input of the AD8318. This helps to decrease
the output noise of the AD8367, which can reduce the dynamic
range of the loop at higher gain settings (smaller VSET).
Response time and the amount of signal integration are controlled
by CFLT. This functionality is analogous to the feedback capacitor
around an integrating amplifier. Though it is possible to use
large capacitors for CFLT, in most applications, values under 1 nF
provide sufficient filtering.
Calibration in controller mode is similar to the method used in
measurement mode. Do a simple 2-point calibration by applying
two known VSET voltages or DAC codes and measuring the
output power from the VGA. Slope and intercept are calculated
using Equation 20 to Equation 22:
Slope = (VSET1 − VSET2)/(POUT1 − POUT2)
(20)
Intercept = POUT1 − VSET1/Slope
(21)
VSET = Slope × (Px − Intercept)
(22)
For more information on AGC applications, refer to the
AD8367 data sheet or ADL5330 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com