Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8318ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8318
Data Sheet
Rev. D | Page 18 of 24
PULSED RF
INPUT
1nF
+5V
40Ω
100Ω
100Ω
50Ω
50Ω
1nF
52.3Ω
INHI
INLO
VOUT
VPOS
GND
AD8318
VSET
ADCMP563
+5V
–5.2V
–5.2V
VREF = 1.8V–1.2V
50Ω
50Ω
COMPARATOR
OUTPUT
AD8318
OUTPUT
Figure 39. AD8318 Operating with the High Speed ADCMP563 Comparator
RESPONSE TIME CAPABILITY
The AD8318 has a 10 ns rise/fall time capability (10% to 90%)
for input power switching between the noise floor and 0 dBm.
This capability enables RF burst measurements at repetition
rates beyond 45 MHz. In most measurement applications, the
AD8318 has an external capacitor connected to CLPF to provide
additional filtering for VOUT. However, using the CLPF capacitor
slows the response time as does stray capacitance on VOUT. For
an application requiring maximum RF burst detection capability,
the CLPF pin is left unconnected. In this case, the integration
function is provided by the 1.5 pF on-chip capacitor.
There is a 10 Ω internal resistor in series with the output driver.
Because of this resistor, it is necessary to add an external 40 Ω
back-terminating resistor in series with the output when driving
a 50 Ω load. Place the back-terminating resistor close to the
VOUT pin. The AD8318 has the drive capability to drive a 50 Ω
load at the end of a coaxial cable or transmission line when back
terminated (see Figure 39).
The circuit diagram in Figure 39 shows the AD8318 used with a
high speed comparator circuit. The 40 Ω series resistor at the
output of the AD8318 combines with an internal 10 Ω to
properly match to the 50 Ω input of the comparator.
0
100
200
300
400
500
600
700
800
TIME (ns)
AD8318
OUTPUT
COMPARATOR
OUTPUT
PULSED RF
INPUT
–50dB
–30dB
–20dB
–10dB
Figure 40. Pulse Response of AD8318 and Comparator for RF Pulses
of Varying Amplitudes
Figure 40 shows the response of the AD8318 and the comparator
for a 500 MHz pulsed sine wave of varying amplitudes. The
output level of the AD8318 is the signal strength of the input
signal. For applications where these RF bursts are very small,
the output level does not change by a large amount. Using a
comparator is beneficial in this case because it turns the output
of the log amp into a limiter-like signal. While this configuration
does result in the loss of received signal power level, it does
allow for presence-only detection of low power RF bursts.
OUTPUT FILTERING
For applications in which maximum video bandwidth and,
consequently, fast rise time are desired, it is essential that the
CLPF pin be left unconnected and free of any stray capacitance.
To reduce the nominal output video bandwidth of 45 MHz,
connect a ground-referenced capacitor (CFLT) to the CLPF pin,
as shown in Figure 41. Generally, this is done to reduce output
ripple (at twice the input frequency for a symmetric input
waveform, such as sinusoidal signals).
+4
ILOG
3.13kΩ
VOUT
CLPF
CFLT
AD8318
1.5pF
Figure 41. Lowering the Postdemodulation Bandwidth
CFLT is selected by

pF
5
.
1
kΩ
3.13
π
1
idth
VideoBandw
C
FLT
(19)
Set the video bandwidth to a frequency equal to about one-
tenth the minimum input frequency. This ensures that the
output ripple of the demodulated log output, which is at twice
the input frequency, is well filtered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com