Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL88694 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL88694
Description  SMBus Accelerator (SMA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL88694 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL88694 Datasheet HTML 1Page - Renesas Technology Corp ISL88694 Datasheet HTML 2Page - Renesas Technology Corp ISL88694 Datasheet HTML 3Page - Renesas Technology Corp ISL88694 Datasheet HTML 4Page - Renesas Technology Corp ISL88694 Datasheet HTML 5Page - Renesas Technology Corp ISL88694 Datasheet HTML 6Page - Renesas Technology Corp ISL88694 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ISL88694
FN8239 Rev 1.00
Page 3 of 7
January 21, 2005
Absolute Maximum Ratings
Recommended Operating Conditions
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to 6.5V
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+0.3V
Lead temperature (soldering, 10 seconds) . . . . . . . . . . . . . . . 300°C
ESD min other pins (HBM). . . . . . . . . . . . . . . . . . . . . . . . . . . . .>2kV
ESD SMBus1 and SMBus2 pins (HBM) . . . . . . . . . . . . . . . . . .>8kV
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Absolute Maximum Ratings indicate limits beyond which permanent damage to the device and impaired reliability may occur. These are stress ratings
provided for information only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification are not implied.
For guaranteed specifications and test conditions, see Electrical Specifications. The guaranteed specifications apply only for the test conditions listed. Some
performance characteristics may degrade when the device is not operated under the listed test conditions.
Electrical Specifications
Over operating conditions unless otherwise specified, Typical values are measured at VDD = 3.3V and
TA = +25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG PARAMETERS
VDD
Supply Voltage Range
2.7
5.5
V
VDD RAMP VDD Ramp Rate
0.05
50
V/msec
IDD
Supply Current
SMBus1=SMBus2=Open
80
100
µA
IOUT_SB
Standby Pull-Up Current
SMBus1=SMBus2=VDD-1.0V
80
125
µA
IOUT_A1
Active Pull-Up Current
SMBus1=GND; SMBus2=Open
125
275
350
µA
IOUT_A2
SMBus1= Open; SMBus2=GND
125
275
350
µA
IOUT_B1
Boost Pull-Up Current (Figure 1) VTRIPL<SMBus1<VTRIPH, SMBus2=Open
1.6
2.2
mA
IOUT_B2
VTRIPL<SMBus2<VTRIPH, SMBus1=Open
1.6
2.2
mA
VTRIPL
Input Voltage Threshold Low
0.65
0.75
0.85
V
VTRIPH
Input Voltage Threshold High
VDD-0.60
VDD - 0.50
VDD - 0.40
V
fMAX
SMBus Max Frequency
100
kHz
NSS
Noise Spike Suppression
(Note 1) (Figure 10)
20
V-nsec
NOTES:
1. Measured as area under triangular waveform above VTRIPL, with time as base and VIN as height (See Figure 10).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com