Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL88694 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL88694
Description  SMBus Accelerator (SMA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL88694 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL88694 Datasheet HTML 1Page - Renesas Technology Corp ISL88694 Datasheet HTML 2Page - Renesas Technology Corp ISL88694 Datasheet HTML 3Page - Renesas Technology Corp ISL88694 Datasheet HTML 4Page - Renesas Technology Corp ISL88694 Datasheet HTML 5Page - Renesas Technology Corp ISL88694 Datasheet HTML 6Page - Renesas Technology Corp ISL88694 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ISL88694
FN8239 Rev 1.00
Page 4 of 7
January 21, 2005
Typical Performance Curves
FIGURE 1. ACTIVE PULL-UP CURRENT. SMBus PIN=0V
FIGURE 2. BOOST PULL-UP CURRENT. SMBus PIN = VDD/2.
FIGURE 3. STANDBY PULL-UP CURRENT. SMBus1,2=VDD-0.5V
FIGURE 4. VTRIPL VOLTAGE
290
310
330
350
370
270
250
230
210
-40
-20
0
204060
80
100
-60
TEMPERATURE (°C)
VDD=5.5V
VDD=2.7V
2.15
2.30
2.45
2.60
3.75
2.00
1.85
1.70
1.55
-40
-20
0
204060
80
100
-60
TEMPERATURE (°C)
VDD=5.5V
VDD=2.7V
80
90
100
110
120
70
60
50
40
-40
-20
0
204060
80
100
-60
TEMPERATURE (°C)
VDD=5.5V
VDD=2.7V
0.75
0.80
0.85
0.90
0.95
0.70
0.65
0.60
0.55
-40
-20
0
204060
80
100
-60
TEMPERATURE (°C)
VDD=5.5V
VDD=2.7V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com