Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL88694 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL88694
Description  SMBus Accelerator (SMA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL88694 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL88694 Datasheet HTML 1Page - Renesas Technology Corp ISL88694 Datasheet HTML 2Page - Renesas Technology Corp ISL88694 Datasheet HTML 3Page - Renesas Technology Corp ISL88694 Datasheet HTML 4Page - Renesas Technology Corp ISL88694 Datasheet HTML 5Page - Renesas Technology Corp ISL88694 Datasheet HTML 6Page - Renesas Technology Corp ISL88694 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FN8239 Rev 1.00
Page 5 of 7
January 21, 2005
ISL88694
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2005. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
FIGURE 5. VTRIPH VOLTAGE
FIGURE 6. IDD CURRENT. SMBus1=SMBus2=OPEN.
FIGURE 7. BOOST PULL-UP CURRENT vs. SMBus VOLTAGE
Typical Performance Curves (Continued)
0.50
0.55
0.60
0.65
0.70
0.45
0.40
0.35
0.30
-40
-20
0
204060
80
100
-60
TEMPERATURE (°C)
VDD=5.5V
VDD=2.7V
75
80
85
90
95
70
65
60
55
-40
-20
0
204060
80
100
-60
TEMPERATURE (°C)
VDD=5.5V
VDD=2.7V
2.0
2.5
3.0
3.5
1.5
1.0
0.5
0
12
34
5
0
SMBus VOLTAGE (V)
6
VDD=5.0V
VDD=2.7V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com