Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL88694 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL88694
Description  SMBus Accelerator (SMA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL88694 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL88694 Datasheet HTML 1Page - Renesas Technology Corp ISL88694 Datasheet HTML 2Page - Renesas Technology Corp ISL88694 Datasheet HTML 3Page - Renesas Technology Corp ISL88694 Datasheet HTML 4Page - Renesas Technology Corp ISL88694 Datasheet HTML 5Page - Renesas Technology Corp ISL88694 Datasheet HTML 6Page - Renesas Technology Corp ISL88694 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISL88694
FN8239 Rev 1.00
Page 2 of 7
January 21, 2005
System Diagram
IC Block Diagram
Pin Descriptions
SOT-23
SYMBOL
DESCRIPTION
1VDD
Supply Voltage
2
GND
Ground
3
N.C.
No Connect
4
SMBus1
Active Pull-Up for SMBus
5
SMBus2
Active Pull-Up for SMBus
CLK IN
DATA IN
CLK OUT
DATA OUT
GND
VDD
SMBus1
SMBus2
DATA
CLK
BUS SIGNALS
Devices;
SBS, PCI,
Compact PCI,
PMCI, ACPI,
ICMB, IPMI,
IPMB,SMBus,
I2C, 2-Wire.
ISL88694
CLK IN
DATA IN
CLK OUT
DATA OUT
Device 1
Device N
VTRIPH=
VDD-0.5V
VTRIPL=
0.75V
VTRIPH=
VDD-0.5V
VTRIPL=
0.75V
1.825mA
1.825mA
175
A100A
175
A100A
SMBus1
SMBus2
VDD
VDD
GND
Control
Control



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com