Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL88694 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL88694
Description  SMBus Accelerator (SMA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL88694 Datasheet(HTML) 6 Page - Renesas Technology Corp

  ISL88694 Datasheet HTML 1Page - Renesas Technology Corp ISL88694 Datasheet HTML 2Page - Renesas Technology Corp ISL88694 Datasheet HTML 3Page - Renesas Technology Corp ISL88694 Datasheet HTML 4Page - Renesas Technology Corp ISL88694 Datasheet HTML 5Page - Renesas Technology Corp ISL88694 Datasheet HTML 6Page - Renesas Technology Corp ISL88694 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ISL88694
FN8239 Rev 1.00
Page 6 of 7
January 21, 2005
Functional Description
SMBus Overview
The SMBus or I2C bus is a 2-wire multimaster bus, meaning
that more than one device connected to the bus is capable of
controlling it. Master devices communicate to other master or
slave devices using one clock and one data line. These are
both bidirectional.
In order to allow multimaster operation without bus contention,
it is necessary to allow each bus to be connected to a positive
supply voltage via a current-source or pull-up resistor (see
“System Diagram” on page 2). When the bus is free, both lines
are HIGH. The output stages of devices connected to the bus
must have an open-drain or open-collector to perform the
wired-AND function.
Simple pull-up resistors on the clock and data lines work well
unless there are long signal lines or many devices connected
to the bus. Then, the combined capacitance of the bus
increases the rise time on the signal to such an extent that the
communication becomes unreliable or fails to meet the bus
timing specifications. Smaller resistors can sometimes
compensate for the extra capacitance, but this increases the
current consumption when the signal lines are pulled LOW.
ISL88694 Operation
To improve the operation of the SMBus where larger bus
capacitance exists, the ISL88694 provides active pull-up using
switched current sources. When the bus is idle and both lines
are HIGH, a standby pull-up current of 100µA is used to
maintain the signal level while minimizing power consumption.
When either of the two signals is pulled LOW, an active pull-up
current of 275µA maintains a good VOL noise margin.
When the bus line is released, it is pulled high by the ISL88694
active current until the voltage exceeds the VTRIPL level for a
period of time. This voltage-time combination filters out noise
on the signal line. Once the ISL88694 detects a valid rising
edge, a 2.2mA boost current pulls the bus line high very
quickly (see Figure 8). This boost current turns off when the
input level reaches the VTRIPH threshold and the pull-up
current returns to the active level. If both inputs are HIGH, the
pull-up current drops to the standby level of 100µA.
FIGURE 8. ISL88694 SMBus SYSTEM BOOST PULL-UP
COMPARED TO RESISTOR PULL-UP (VDD = 5.5V).
FIGURE 9. ISL88694 SMBus SYSTEM BOOST PULL-UP
COMPARED TO RESISTOR PULL-UP (VDD = 2.7V).
FIGURE 10. NOISE SUPPRESSION. BOOST CURRENT APPLIED
WHEN INPUT SIGNAL EXCEEDS 20Vns (TYPICAL).
VTRIPL
With RC
Pullup
With ISL88694 SMA
VTRIPH
R=15.8K
C= 200pF
VTRIPL
With RC
Pullup
With ISL88694 SMA
VTRIPH
R=15.8K
C= 200pF
VTRIPL
Gnd
t
SMBus1
>20Vns
SMBus2
VDD
With SMA
Without SMA
(Typical)
VTRIPH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com