Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIRE Datasheet(PDF) 2 Page - OptoDiode Corp

Part # PIRE
Description  High-Speed Infrared Emitter with Integrated Drive Electronics
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

PIRE Datasheet(HTML) 2 Page - OptoDiode Corp

  PIRE Datasheet HTML 1Page - OptoDiode Corp PIRE Datasheet HTML 2Page - OptoDiode Corp PIRE Datasheet HTML 3Page - OptoDiode Corp PIRE Datasheet HTML 4Page - OptoDiode Corp PIRE Datasheet HTML 5Page - OptoDiode Corp PIRE Datasheet HTML 6Page - OptoDiode Corp PIRE Datasheet HTML 7Page - OptoDiode Corp PIRE Datasheet HTML 8Page - OptoDiode Corp PIRE Datasheet HTML 9Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1260 Calle Suerte, Camarillo, California 93012
Phone: (805)499-0335, Fax: (805)499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
December 15, 2016
2 | Page 9
Drive Circuit Block Diagram
The driver PCB uses single N-channel MOSFET with, very low on-state resistance combined with high
transconductance, superior reverse energy and diode recovery dv/dt capability to switch the emitter on
and off at a frequency controlled by one of the inputs.
Power
Supply
Driver PCB
Emitter
FREF
EN
FCNTRL
Typical Connection Diagram
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Emitter
+12V
max
+5V
FREF
EN
FCNTRL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com