Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIRE Datasheet(PDF) 3 Page - OptoDiode Corp

Part # PIRE
Description  High-Speed Infrared Emitter with Integrated Drive Electronics
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

PIRE Datasheet(HTML) 3 Page - OptoDiode Corp

  PIRE Datasheet HTML 1Page - OptoDiode Corp PIRE Datasheet HTML 2Page - OptoDiode Corp PIRE Datasheet HTML 3Page - OptoDiode Corp PIRE Datasheet HTML 4Page - OptoDiode Corp PIRE Datasheet HTML 5Page - OptoDiode Corp PIRE Datasheet HTML 6Page - OptoDiode Corp PIRE Datasheet HTML 7Page - OptoDiode Corp PIRE Datasheet HTML 8Page - OptoDiode Corp PIRE Datasheet HTML 9Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1260 Calle Suerte, Camarillo, California 93012
Phone: (805)499-0335, Fax: (805)499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
December 15, 2016
3 | Page 9
Driver Board Pin Description
Pin# PinName Description
1
+5V
+5VPowerSupplyInput
2
Reserved1 Reserved1
3
Reserved2 Reserved2
4
Reserved3 Reserved3
5
NC1
NoConnect
6
NC2
NoConnect
7
Emitter
InfraredEmitterSource(MOSFETDrain)
8
AGND
AnalogGround(MOSFETSource)
9
NC3
NoConnect
10
NC4
NoConnect
11
FREF
OutputPulseReference(MOSFETGate)
12
EN
EnableInput(GNDtoDisable)
13
FCNTRL
FrequencyControlAnalogInput
14
DGND
+5VDigitalGround
Electrical Specifications
Specification
Min.
Typ.
Max.
Emitter Voltage
3V
12V
Pulse Frequency Range
2Hz
100Hz
200Hz
Frequency Control Voltage
0V
2.5V
5V
Emitter Resistance
2.5
Ω
Peak Emitter Current (12V)
5A
Average Emitter Current (12V)
10mA
220mA
Output Enable Voltage
0V
(Disable)
5V
(Enable)
Filament Temperature (12V)
1000°K
Filament Emissivity
0.88
Operating Temperature
-30°C
+100°C
Spectral Output
0.35µm
6µm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com