Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIRE Datasheet(PDF) 1 Page - OptoDiode Corp

Part # PIRE
Description  High-Speed Infrared Emitter with Integrated Drive Electronics
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

PIRE Datasheet(HTML) 1 Page - OptoDiode Corp

  PIRE Datasheet HTML 1Page - OptoDiode Corp PIRE Datasheet HTML 2Page - OptoDiode Corp PIRE Datasheet HTML 3Page - OptoDiode Corp PIRE Datasheet HTML 4Page - OptoDiode Corp PIRE Datasheet HTML 5Page - OptoDiode Corp PIRE Datasheet HTML 6Page - OptoDiode Corp PIRE Datasheet HTML 7Page - OptoDiode Corp PIRE Datasheet HTML 8Page - OptoDiode Corp PIRE Datasheet HTML 9Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1260 Calle Suerte, Camarillo, California 93012
Phone: (805)499-0335, Fax: (805)499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
December 15, 2016
1 | Page 9
PIRE PLUS
High-Speed Infrared Emitter with Integrated Drive Electronics
Key Features:
• Pulsable Source of Black-body Radiation
• Emulates a Black-body in Spectral Distribution
• Ultra-thin Metallic Foil Active Element
• Parabolic Reflector for Collimation and Uniformity
• Fast Pulse Rates, up to 180 Hz with 50% Modulation Depth
• Adjustable Pulse Rates with Analog Control Input
• High Output Emitter .04 Watts/cm2
• Broadband Output with Typical 0.88 Emissivity
• Compact, Reduced Footprint Solution
The high-performance PIRE
PLUS solution is designed
to be used as fast pulsed sources of blackbody
radiation. The solution can be ordered in a 3 item kit
including driver PCB assembly, emitter, and heat
sink or in an easily to use evaluation module. The
high-speed
pulsable
foil
emitter
with
its
corresponding drive electronics on a compact 14 pin
circuit board are designed to maximize output power
from 1 Hz to 200 Hz pulse speeds with a single
analog
control
input.
The
complementary
assemblies enhance signal to noise performance
while minimizing the overall system footprint.
The construction and implementation of the emitter
and control circuitry optimize performance by
matching the drive waveform for the desired
operating frequency.
This ensures peak output
temperatures at all pulse frequencies and promotes
the highest output for any application. Combined
with Opto Diode’s IR detectors, the PIRE
PLUS
solution operating with typical pulse speeds of 180
Hz and 50% modulation depth can accurately detect
trace elements in concentrations in low parts per
million.
The radiating element in the pulsable emitter is an
ultra-thin Opto Diode specific comb metallic foil
configured so that radiation from both sides of the
heated foil is efficiently directed out of the package
along the optic axis. The foil material has a typical
emissivity of 0.88 and closely emulates a blackbody
source in spectral distribution. The emitter is
designed to operate at a rated maximum foil
temperature of 1000 Kelvin. The emitter is offered in
a hermetically sealed TO-5 package with integral
standard parabolic reflector to provide near
collimated and uniform radiation output.
The PIRE
PLUS sub-system is an ideal solution for a
variety of applications.
The control circuitry will
exploit the capabilities of the high-speed source in
many applications. With the emitter, heat sink, and
controller set, designers can focus on maximizing
the
overall
system
performance
rather
than
interfacing with the source.
Applications:
Ÿ
Gas analysis, medical and industrial
Ÿ
Environmental monitoring
Ÿ
Spectroscopy
Ÿ
Process control systems


Similar Part No. - PIRE

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PIR-045 MEANWELL-PIR-045 Datasheet
674Kb / 3P
Photoelectric Motion Sensor
PIR-045-DA2 MEANWELL-PIR-045-DA2 Datasheet
738Kb / 5P
DALI-2 PIR Motion Sensor
2024-04-23
PIR-095-DA2 MEANWELL-PIR-095-DA2 Datasheet
770Kb / 5P
DALI-2 PIR Motion Sensor
2024-04-23
logo
International Rectifier
PIR21844 IRF-PIR21844 Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
logo
Everlight Electronics C...
PIR333C EVERLIGHT-PIR333C Datasheet
191Kb / 7P
5mm Infrared LED, T-1 3/4
More results

Similar Description - PIRE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPE5685 ETC-OPE5685 Datasheet
185Kb / 2P
High Speed GaAlAs Infrared Emitter
OPE5587 ETC-OPE5587 Datasheet
194Kb / 2P
High Speed GaAlAs Infrared Emitter
OPE5585 ETC-OPE5585 Datasheet
194Kb / 2P
High Speed GaAlAs Infrared Emitter
OPE5687HP ETC-OPE5687HP Datasheet
162Kb / 2P
High Speed GaAIAs Infrared Emitter
OPE5985 ETC2-OPE5985 Datasheet
198Kb / 2P
High Speed GaAlAs Infrared Emitter
logo
OSRAM GmbH
SFH4000 OSRAM-SFH4000 Datasheet
69Kb / 7P
Schnelle IR-Lumineszenzdiode High Speed Infrared Emitter
logo
List of Unclassifed Man...
OPE5885 ETC2-OPE5885 Datasheet
196Kb / 2P
DHigh Speed GaAlAs Infrared Emitter
OPE5T87 ETC2-OPE5T87 Datasheet
196Kb / 2P
High Speed GaAlAs Infrared Emitter
logo
OSRAM GmbH
SFH-4043 OSRAM-SFH-4043 Datasheet
478Kb / 13P
CHIPLED짰 with High Power Infrared Emitter
SFH-4053 OSRAM-SFH-4053 Datasheet
451Kb / 13P
CHIPLED짰 with High Power Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com