Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIRE Datasheet(PDF) 5 Page - OptoDiode Corp

Part # PIRE
Description  High-Speed Infrared Emitter with Integrated Drive Electronics
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

PIRE Datasheet(HTML) 5 Page - OptoDiode Corp

  PIRE Datasheet HTML 1Page - OptoDiode Corp PIRE Datasheet HTML 2Page - OptoDiode Corp PIRE Datasheet HTML 3Page - OptoDiode Corp PIRE Datasheet HTML 4Page - OptoDiode Corp PIRE Datasheet HTML 5Page - OptoDiode Corp PIRE Datasheet HTML 6Page - OptoDiode Corp PIRE Datasheet HTML 7Page - OptoDiode Corp PIRE Datasheet HTML 8Page - OptoDiode Corp PIRE Datasheet HTML 9Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1260 Calle Suerte, Camarillo, California 93012
Phone: (805)499-0335, Fax: (805)499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
December 15, 2016
5 | Page 9
Typical Radial Output Intensity Distribution From Window Front Center
0 .0 0 0 1
0 .0 0 1
0 .0 1
-50
-4 0
-3 0
-2 0
-10
0
10
20
30
40
50
De g re e s F ro m Ce nt e r
1" Distance Rotation Axis Parallel to Foil Strip
1" Distance Rotation Axis Perpendicular to Foil
Strip
3" Distance Rotation Axis Parallel to Foil Strip
3" Distance Rotation Axis Perpendicular to Foil
Strip
6" Distance Rotation Axis Parallel to Foil Strip
6" Distance Rotation Axis Perpendicular to Foil
Strip
PirePlusFrequencyAdjustment
0
50
100
150
200
250
0
1
2
3
4
5
6
INPUTVOLTAGE
PirePlus



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com