Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIRE Datasheet(PDF) 8 Page - OptoDiode Corp

Part # PIRE
Description  High-Speed Infrared Emitter with Integrated Drive Electronics
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

PIRE Datasheet(HTML) 8 Page - OptoDiode Corp

  PIRE Datasheet HTML 1Page - OptoDiode Corp PIRE Datasheet HTML 2Page - OptoDiode Corp PIRE Datasheet HTML 3Page - OptoDiode Corp PIRE Datasheet HTML 4Page - OptoDiode Corp PIRE Datasheet HTML 5Page - OptoDiode Corp PIRE Datasheet HTML 6Page - OptoDiode Corp PIRE Datasheet HTML 7Page - OptoDiode Corp PIRE Datasheet HTML 8Page - OptoDiode Corp PIRE Datasheet HTML 9Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
1260 Calle Suerte, Camarillo, California 93012
Phone: (805)499-0335, Fax: (805)499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
December 15, 2016
8 | Page 9
Evaluation Board Pin Out
U1DaughterBoard
Pin#
Description
1
+5V
2
NC
3
NC
4
NC
5
NC
6
NC
7
LED-
8
Common
9
NC
10
NC
11
FREF(PulseReference)
12
NC
13
FCNTRL(frequencyControl)
14
Common
P2
Pin#
Description
1
FREF(PulseReference)
2
Common
3
FCNTRL(FrequencyControl)
4
Common
P1
Pin#
Description
1
+5V
2
Common
3
+12V
4
Common



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com