Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM706-RYS8G/TR Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM706-RYS8G/TR
Description  Low-Cost, Microprocessor Supervisory Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM706-RYS8G/TR Datasheet(HTML) 3 Page - SG Micro Corp

  SGM706-RYS8G/TR Datasheet HTML 1Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 2Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 3Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 4Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 5Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 6Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 7Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 8Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Low-Cost, Microprocessor
SGM706
Supervisory Circuit
3
DECEMBER 2017
SG Micro Corp
www.sg-micro.com
PIN CONFIGURATIONS
SGM706-L/M/J/T/S/R (TOP VIEW)
SGM706-S (TOP VIEW)
SGM706
-L/M/J/T/S/R
VCC
1
2
3
4
5
6
7
8
MR
GND
PFI
WDI
WDO
PFO
RESET
SGM706-S
VCC
1
2
3
4
5
6
7
8
MR
GND
PFI
WDI
WDO
PFO
RESET
SOIC-8
MSOP-8
PIN DESCRIPTION
PIN
NAME
FUNCTION
SOIC-8
MSOP-8
1
3
MR
Manual-Reset Input triggers a reset pulse when pulled below 0.8V. This active-low input
has an internal 250μA (VCC = +5V) pull-up current. It can be driven from a TTL or CMOS
logic line as well as shorted to ground with a switch.
2
4
VCC
Power Supply Voltage that is monitored.
3
5
GND
0V Ground Reference for all signals.
4
6
PFI
Power-Fail Voltage Monitor Input. When PFI is less than 1.25V, PFO goes low.
Connect PFI to GND or VCC when not used.
5
7
PFO
Power-Fail Output goes low and sinks current when PFI is less than 1.25V; otherwise
PFO stays high.
6
8
WDI
Watchdog Input. If WDI remains high or low for 1.6sec, the internal watchdog timer runs
out and WDO goes low (BLOCK DIAGRAM). Floating WDI or connecting WDI to a
high-impedance three-state buffer disables the watchdog feature. The internal watchdog
timer clears whenever reset is asserted, WDI is three-stated, or WDI sees a rising or
falling edge.
7
1
RESET
Active-Low Reset Output pulses low for 200ms when triggered, and stays low whenever
VCC is below the reset threshold (4.65V for SGM706-L, 4.4V for SGM706-M, 4.0V for
SGM706-J, 3.08V for SGM706-T and 2.93V for SGM706-S, 2.63V for SGM706-R). It
remains low for 200ms after VCC rises above the reset threshold or MR goes from low to
high. A watchdog timeout will not trigger RESET unless WDO is connected to MR .
8
2
WDO
Watchdog Output pulls low when the internal watchdog timer finishes its 1.6sec count
and does not go high again until the watchdog is cleared. WDO also goes low during
low-line conditions. Whenever VCC is below the reset threshold, WDO stays low;
however, unlike RESET , WDO does not have a minimum pulse width. As soon as VCC
rises above the reset threshold, WDO goes high with no delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com