Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM706-RYS8G/TR Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM706-RYS8G/TR
Description  Low-Cost, Microprocessor Supervisory Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM706-RYS8G/TR Datasheet(HTML) 2 Page - SG Micro Corp

  SGM706-RYS8G/TR Datasheet HTML 1Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 2Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 3Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 4Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 5Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 6Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 7Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 8Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Low-Cost, Microprocessor
SGM706
Supervisory Circuit
2
DECEMBER 2017
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
RESET
THRESHOLD (V)
PACKAGE
DESCRIPTION
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
SGM706
4.65
SOIC-8
SGM706-LYS8G/TR
SGM706-LYS8
XXXXX
Tape and Reel, 4000
4.40
SOIC-8
SGM706-MYS8G/TR
SGM706-MYS8
XXXXX
Tape and Reel, 4000
4.0
SOIC-8
SGM706-JYS8G/TR
SGM706-JYS8
XXXXX
Tape and Reel, 4000
3.08
SOIC-8
SGM706-TYS8G/TR
SGM706-TYS8
XXXXX
Tape and Reel, 4000
2.93
SOIC-8
SGM706-SYS8G/TR
SGM706-SYS8
XXXXX
Tape and Reel, 4000
2.93
MSOP-8
SGM706-SYMS8G/TR
SGM706S
YMS8
XXXXX
Tape and Reel, 4000
2.63
SOIC-8
SGM706-RYS8G/TR
SGM706-RYS8
XXXXX
Tape and Reel, 4000
NOTE: XXXXX = Date Code and Vendor Code.
Green (RoHS & HSF): SG Micro Corp defines "Green" to mean Pb-Free (RoHS compatible) and free of halogen substances. If
you have additional comments or questions, please contact your SGMICRO representative directly.
ABSOLUTE MAXIMUM RATINGS
(Typical values are at TA = +25
℃, unless otherwise noted.)
Terminal Voltage (with respect to GND)
VCC..................................................................-0.3V to 6.0V
All Other Inputs ...................................-0.3V to (VCC + 0.3V)
Input Current, VCC........................................................ 20mA
GND........................................................................... 20mA
Output Current, (all outputs) ....................................... 20mA
Operating Temperature Range...................... -40
℃ to +85℃
Junction Temperature................................................+150
℃
Storage Temperature................................... -65
℃ to +150℃
Lead Temperature (Soldering, 10s)...........................+260
℃
ESD Susceptibility
HBM............................................................................ 4000V
MM................................................................................ 300V
OVERSTRESS CAUTION
Stresses beyond those listed may cause permanent damage
to the device. Functional operation of the device at these or
any other conditions beyond those indicated in the
operational section of the specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
ESD SENSITIVITY CAUTION
This integrated circuit can be damaged by ESD if you don’t
pay attention to ESD protection. SGMICRO recommends that
all integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage
because very small parametric changes could cause the
device not to meet its published specifications.
DISCLAIMER
SG Micro Corp reserves the right to make any change in
circuit design, specification or other related things if necessary
without notice at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com