Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM706-RYS8G/TR Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM706-RYS8G/TR
Description  Low-Cost, Microprocessor Supervisory Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM706-RYS8G/TR Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM706-RYS8G/TR Datasheet HTML 4Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 5Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 6Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 7Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 8Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 9Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 10Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 11Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 12Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Low-Cost, Microprocessor
SGM706
Supervisory Circuit
8
DECEMBER 2017
SG Micro Corp
www.sg-micro.com
APPLICATION NOTES
Ensuring a Valid RESET Output Down to
VCC = 0V
When VCC falls below 1V, the SGM706 RESET output no
longer sinks current-it becomes an open circuit.
High-impedance CMOS logic inputs can drift to undetermined
voltages if left undriven. If a pull-down resistor is added to the
RESET pin as shown in Figure 1, any stray charge or
leakage currents will be drained to ground, holding RESET
low. Resistor value (R1) is not critical. It should be about
100kΩ, large enough not to load RESET and small enough
to pull RESET to ground.
R1
SGM706
RESET
Figure 1. RESET Valid to Ground Circuit
Monitoring Voltages Other Than the
Unregulated DC Input
Monitor voltages other than the unregulated DC by
connecting a voltage divider to PFI and adjusting the ratio
appropriately. If required, add hysteresis by connecting a
resistor (with a value approximately 10 times the sum of the
two resistors in the potential divider network) between PFI
and PFO . A capacitor between PFI and GND will reduce the
power-fail circuit’s sensitivity to high-frequency noise on the
line being monitored. RESET can be asserted on other
voltages in addition to the +5V VCC line. Connect PFO to
MR to initiate a
RESET pulse when PFI drops below 1.25V.
Figure 2 shows the SGM706 configured to assert RESET
when the +5V supply falls below the reset threshold, or when
the +12V supply falls below approximately 11V.
VCC
MR
PFO
PFI
RESET
+12V
+5V
1MΩ
1%
130kΩ
1%
TO μP
GND
SGM706
Figure 2. Monitoring Both +5V and +12V
Monitoring a Negative Voltage
The power-fail comparator can also monitor a negative supply
rail (Figure 3). When the negative rail is good (a negative
voltage of large magnitude), PFO is low, and when the
negative rail is degraded (a negative voltage of lesser
magnitude), PFO is high. By adding the resistors and
transistor as shown, a high PFO triggers reset. As long as
PFO remains high, the SGM706 will keep reset asserted
( RESET = low, RESET = high). Note that this circuit’s
accuracy depends on the PFI threshold tolerance, the VCC
line, and the resistors.
VCC
MR
PFO
PFI
+5V
GND
SGM706
R1
R2
V-
100k
Ω
100k
Ω
TO
μP
+5V
0V
+5V
0V
V-
VTRIP
0V
MR
PFO
5
– 1.25
R1
1.25 - VTRIP
R2
VTRIP < 0
=
2N3904
RESET
Figure 3. Monitoring a Negative Voltage
Interfacing to μPs with Bidirectional Reset
Pins
μPs with bidirectional reset pins, such as the Motorola
68HC11 series, can contend with the SGM706 RESET
output. If, for example, the RESET output is driven high and
the Microprocessor wants to pull it low, indeterminate logic
levels may result. To correct this, connect a 4.7kΩ resistor
between the RESET output and the μP reset I/O, as in
Figure 4. Buffer the RESET output to other system
components.
VCC
RESET
Microprocessor
GND
SGM706
VCC
RESET
GND
4.7kΩ
BUFFRED RESET TO OTHER SYSTEM COMPONENTS
Figure 4. Interfacing to Microprocessors with
Bidirectional Reset I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com