Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM706-RYS8G/TR Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM706-RYS8G/TR
Description  Low-Cost, Microprocessor Supervisory Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM706-RYS8G/TR Datasheet(HTML) 4 Page - SG Micro Corp

  SGM706-RYS8G/TR Datasheet HTML 1Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 2Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 3Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 4Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 5Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 6Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 7Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 8Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Low-Cost, Microprocessor
SGM706
Supervisory Circuit
4
DECEMBER 2017
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
(VCC = 4.75V to 5.5V for SGM706-L; VCC = 4.5V to 5.5V for SGM706-M; VCC = 4.07V to 5.5V for SGM706-J; VCC = 3.14V to 5.5V
for SGM706-T; VCC = 2.95V to 5.5V for SGM706-S; VCC = 2.68V to 5.5V for SGM706-R; TA = -40°C to +85°C, unless otherwise
noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range (VCC)
1.0
5.5
V
Supply Current (ISUPPLY)
50
150
μA
Reset Threshold (VRT)
SGM706-L
4.5
4.65
4.75
V
SGM706-M
4.25
4.4
4.5
SGM706-J
3.91
4.0
4.07
SGM706-T
3.02
3.08
3.14
SGM706-S (SOIC-8)
2.85
2.93
2.95
SGM706-S (MSOP-8)
2.82
2.93
2.95
SGM706-R
2.56
2.63
2.68
Reset Threshold Hysteresis
SGM706-L, SGM706-M
40
mV
SGM706-J
34
SGM706-T, SGM706-S
25
SGM706-R
22
Reset Pulse Width (tRS)
120
200
280
ms
RESET Output Voltage
ISOURCE = 800μA
0.7 × VCC
V
ISINK = 3.2mA
0.4
VCC = 1V, ISINK = 50μA
0.3
Watchdog Timeout Period (tWD)
1.0
1.6
2.25
sec
WDI Pulse Width (tWP)
VIL = 0.4V, VIH = VCC
70
ns
WDI Input Threshold
Low
VCC = 5V
0.8
V
High
VCC = 5V
3.5
Low
VRST(MAX) < VCC < 3.6V
0.8
High
VRST(MAX) < VCC < 3.6V
0.7 × VCC
WDI Input Current
WDI = VCC
50
150
μA
WDI = 0V
-150
-50
WDO Output Voltage
ISOURCE = 800μA
0.7 × VCC
V
ISINK = 1.2mA
0.4
MR Pull-Up Current
MR = 0V
100
600
μA
MR Pulse Width (tMR)
250
ns
MR Input Threshold
Low
TA = +25
℃
0.8
V
High
2
MR to Reset Out Delay (tMD)
350
ns
PFI Input Threshold
VCC = 5V
1.18
1.25
1.3
V
PFI Input Current
0.2
nA
PFO Output Voltage
ISOURCE = 800μA
0.7 × VCC
V
ISINK = 3.2mA
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com