Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM706-RYS8G/TR Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM706-RYS8G/TR
Description  Low-Cost, Microprocessor Supervisory Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM706-RYS8G/TR Datasheet(HTML) 1 Page - SG Micro Corp

  SGM706-RYS8G/TR Datasheet HTML 1Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 2Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 3Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 4Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 5Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 6Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 7Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 8Page - SG Micro Corp SGM706-RYS8G/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SGM706
Low-Cost, Microprocessor
Supervisory Circuit
SG Micro Corp
www.sg-micro.com
DECEMBER2017–REV. B
GENERAL DESCRIPTION
The SGM706 microprocessor supervisory circuit
reduces the complexity and number of components
required to monitor power supply and monitor
microprocessor activity. It significantly improves system
reliability and accuracy compared to separate ICs or
discrete components.
The SGM706 provides power supply monitoring
circuitry that generates a reset output during power-up,
power-down and brownout conditions. The reset output
remains operational with VCC as low as 1V.
Independent watchdog monitoring circuitry is also
provided. This is activated if the watchdog input has not
been toggled within 1.6 seconds.
In addition, there is a 1.25V threshold detector for
power-fail warning, low-battery detection, or monitoring
an additional power supply. An active-low manual-reset
input (MR ) is also included.
The SGM706 is available in Green SOIC-8 package.
The SGM706-S is available in both Green SOIC-8 and
MSOP-8 packages. They operate over an ambient
temperature range of -40
℃ to +85℃.
FEATURES
●
Precision Supply-Voltage Monitor
4.65V for SGM706-L
4.40V for SGM706-M
4.0V for SGM706-J
3.08V for SGM706-T
2.93V for SGM706-S
2.63V for SGM706-R
●
Guaranteed RESET Valid at VCC = 1V
●
200ms Reset Pulse Width
●
Debounced TTL/CMOS-Compatible
Manual-Reset Input
●
Independent Watchdog Timer (1.6sec) Timeout
●
Voltage Monitor for Power-Fail or Low-Battery
Warning
●
-40℃ to +85℃ Operating Temperature Range
●
SGM706 is Available in Green SOIC-8 Package
●
SGM706-S is Available in both Green SOIC-8 and
MSOP-8 Packages
APPLICATIONS
Computers
Controllers
Intelligent Instruments
Automotive Systems
Critical μP Power Monitoring
TYPICAL APPLICATION
VCC
MR
PFI
WDO
PFO
WDI
VCC
UNREGULATED DC
+5V DC LINEAR
REGULATOR
SGM706
MICROPROCESSOR
PUSHBUTTON
SWITCH
I/O LINE
NMI
INTERRUPT
RESET
RESET


Similar Part No. - SGM706-RYS8G/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM706 SGMICRO-SGM706 Datasheet
331Kb / 12P
Low-Cost, Microprocessor Supervisory Circuit
More results

Similar Description - SGM706-RYS8G/TR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705ARZ AD-ADM705ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706AR-REEL AD-ADM706AR-REEL Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ-REEL7 AD-ADM706ARZ-REEL7 Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
SG Micro Corp
SGM358 SGMICRO-SGM358_15 Datasheet
404Kb / 12P
Low-Cost, Microprocessor Supervisory Circuit
SGM706 SGMICRO-SGM706 Datasheet
331Kb / 12P
Low-Cost, Microprocessor Supervisory Circuit
SGM708 SGMICRO-SGM708 Datasheet
349Kb / 12P
Low-Cost, Microprocessor Supervisory Circuit
SGM708 SGMICRO-SGM708_18 Datasheet
1Mb / 13P
Low-Cost, Microprocessor Supervisory Circuit
logo
Analog Devices
ADM705 AD-ADM705_V01 Datasheet
410Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com