Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X9521
Description  Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9521 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X9521 Datasheet HTML 1Page - Renesas Technology Corp X9521 Datasheet HTML 2Page - Renesas Technology Corp X9521 Datasheet HTML 3Page - Renesas Technology Corp X9521 Datasheet HTML 4Page - Renesas Technology Corp X9521 Datasheet HTML 5Page - Renesas Technology Corp X9521 Datasheet HTML 6Page - Renesas Technology Corp X9521 Datasheet HTML 7Page - Renesas Technology Corp X9521 Datasheet HTML 8Page - Renesas Technology Corp X9521 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FN8207 Rev 2.00
Page 1 of 24
September 21, 2010
FN8207
Rev 2.00
September 21, 2010
X9521
Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control
for Fiber Optic Modules
DATASHEET
FEATURES
• Two Digitally Controlled Potentiometers (DCP’s)
—100 Tap - 10k
—256 Tap - 100k
—Non-Volatile
—Write Protect Function
• 2kbit EEPROM Memory with Write Protect & Block
LockTM
• 2-Wire industry standard Serial Interface
—Complies to the Gigabit Interface Converter
(GBIC) specification
• Single Supply Operation
—2.7V to 5.5V
• Hot Pluggable
• 20 Ld TSSOP
DESCRIPTION
The X9521 combines two Digitally Controlled Potentiom-
eters (DCP’s), and integrated EEPROM with Block
LockTM protection. All functions of the X9521 are
accessed by an industry standard 2-Wire serial interface.
The DCP’s of the X9521 may be utilized to control the
bias and modulation currents of the laser diode in a Fiber
Optic module. The 2kbit integrated EEPROM may be
used to store module definition data.
The features of the X9521 are ideally suited to simplifying
the design of fiber optic modules which comply to the
Gigabit Interface Converter (GBIC) specification. The in-
tegration of these functions into one package significantly
reduces board area, cost and increases reliability of laser
diode modules.
BLOCK DIAGRAM
DATA
REGISTER
COMMAND
DECODE &
CONTROL
LOGIC
SDA
SCL
CONSTAT
REGISTER
PROTECT LOGIC
EEPROM
THRESHOLD
RESET LOGIC
4
2kbit
8
7 - BIT
NONVOLATILE
MEMORY
RH1
RW1
RL1
WIPER
REGISTER
RH2
RW2
RL2
COUNTER
WP
8 - BIT
NONVOLATILE
MEMORY
WIPER
REGISTER
COUNTER
ARRAY
NOT RECOMMENDED FOR NEW DESIGNS
POSSIBLE SUBSTITUTE PRODUCT
X95820, ISL22326, ISL22329, ISL22323


Similar Part No. - X9521

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9521 INTERSIL-X9521 Datasheet
415Kb / 25P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
August 25, 2005
X9521V20I INTERSIL-X9521V20I Datasheet
415Kb / 25P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
August 25, 2005
X9521V20I-A INTERSIL-X9521V20I-A Datasheet
360Kb / 24P
Dual DCP, EEPROM Memory
January 3, 2006
X9521V20I-B INTERSIL-X9521V20I-B Datasheet
360Kb / 24P
Dual DCP, EEPROM Memory
January 3, 2006
More results

Similar Description - X9521

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9521 INTERSIL-X9521 Datasheet
415Kb / 25P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
August 25, 2005
X9522 INTERSIL-X9522 Datasheet
486Kb / 29P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9523 INTERSIL-X9523 Datasheet
509Kb / 30P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9525 INTERSIL-X9525 Datasheet
578Kb / 26P
Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9523 INTERSIL-X9523_06 Datasheet
401Kb / 28P
Laser Diode Control for Fiber Optic Modules
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
Dual DCP, EEPROM Memory
January 3, 2006
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com