Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2004 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button ZL2004 Datasheet HTML 32Page - Renesas Technology Corp ZL2004 Datasheet HTML 33Page - Renesas Technology Corp ZL2004 Datasheet HTML 34Page - Renesas Technology Corp ZL2004 Datasheet HTML 35Page - Renesas Technology Corp ZL2004 Datasheet HTML 36Page - Renesas Technology Corp ZL2004 Datasheet HTML 37Page - Renesas Technology Corp ZL2004 Datasheet HTML 38Page - Renesas Technology Corp ZL2004 Datasheet HTML 39Page - Renesas Technology Corp ZL2004 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
ZL2004
FN6846 Rev. 3.00
Page 36 of 42
February 15, 2011
Figure 20 shows that, for load lines with identical
slopes, the member voltage is increased towards the
reference voltage which closes the gap between the
inductor currents.
The relation between reference and member current
and voltage is given by the following equation:
MEMBER
REFERENCE
OUT
member
I
I
R
V
V
where R is the value of the droop resistance.
The ISHARE_CONFIG command is used to configure
the device for active current sharing. The default
setting is a stand-alone non-current sharing device. A
current sharing rail can be part of a system sequencing
group.
For fault configuration, the current share rail is
configured in a quasi-redundant mode. In this mode,
when a member device fails, the remaining members
will continue to operate and attempt to maintain
regulation. The device with the lowest member
position will become the reference. If fault spreading is
enabled, the current share rail failure is not broadcast
until the entire current share rail fails.
Up to eight (8) devices can be configured in a given
current sharing rail.
6.16 Phase Adding/Dropping
The ZL2004 allows multiple power converters to be
connected in parallel to supply higher load currents
than can be addressed using a single-phase design. In
doing so, the power converter is optimized at a load
current range that requires all phases to be operational.
During periods of light loading, it may be beneficial to
disable one or more phases in order to eliminate the
current drain and switching losses associated with
those phases, resulting in higher efficiency.
The ZL2004 offers the ability to add and drop phases
using a simple command in response to an observed
load
current
change,
enabling
the
system
to
continuously optimize overall efficiency across a wide
load range. All phases in a current share rail are
considered active prior to the current sharing rail ramp
to power-good.
Phases can be dropped after power-good is reached.
Any member of the current sharing rail can be
dropped. If the reference device is dropped, the
remaining active device with the lowest member
position will become the new reference.
Additionally, any change to the number of members of
a current sharing rail will precipitate autonomous phase
distribution within the rail where all active phases
realign their phase position based on their order within
the number of active members.
If the members of a current sharing rail are forced to
shut down due to an observed fault, all members of the
rail will attempt to re-start simultaneously after the
fault has cleared.
6.17 Monitoring via I2C/SMBus
A system controller can monitor a wide variety of
different ZL2004 system parameters through the
I
2C/SMBus interface. The device can monitor for fault
conditions by monitoring the SALRT pin, which will
be asserted when any number of pre-configured fault
conditions occur.
Figure 20. Active Current Sharing
-R
-R
VREFERENCE
VMEMBER
IMEMBER
IREFERENCE
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com