Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2004 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZL2004 Datasheet HTML 17Page - Renesas Technology Corp ZL2004 Datasheet HTML 18Page - Renesas Technology Corp ZL2004 Datasheet HTML 19Page - Renesas Technology Corp ZL2004 Datasheet HTML 20Page - Renesas Technology Corp ZL2004 Datasheet HTML 21Page - Renesas Technology Corp ZL2004 Datasheet HTML 22Page - Renesas Technology Corp ZL2004 Datasheet HTML 23Page - Renesas Technology Corp ZL2004 Datasheet HTML 24Page - Renesas Technology Corp ZL2004 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
ZL2004
FN6846 Rev. 3.00
Page 21 of 42
February 15, 2011
5.7.6 QL Selection
The bottom MOSFET should be selected primarily
based on the device’s RDS(ON) and secondarily based on
its gate charge. To choose QL, use the following
equation and allow 2–5% of the output power to be
dissipated in the RDS(ON) of QL (lower output voltages
and higher step-down ratios will be closer to 5%):
OUT
OUT
QL
I
V
P
 05
.
0
Calculate the RMS current in QL as follows:
D
I
I
Lrms
botrms
1
Calculate the desired maximum RDS(ON) as follows:
2
)
(
botrms
QL
ON
DS
I
P
R
Note that the RDS(ON) given in the manufacturer’s
datasheet is measured at 25°C. The actual RDS(ON) in
the end-use application will be much higher. For
example, a Vishay Si7114 MOSFET with a junction
temperature of 125°C has an RDS(ON) that is 1.4 times
higher than the value at 25°C. Select a candidate
MOSFET, and calculate the required gate drive current
as follows:
g
SW
g
Q
f
I
Keep in mind that the total allowed gate drive current
for both QH and QL is 80 mA.
MOSFETs with lower RDS(ON) tend to have higher gate
charge requirements, which increases the current and
resulting power required to turn them on and off. Since
the MOSFET gate drive circuits are integrated in the
ZL1505, this power is dissipated in the ZL1505
according to the following equation:
INM
g
sw
QL
V
Q
f
P
5.7.7 QH Selection
In addition to the RDS(ON) loss and gate charge loss, QH
also has switching loss. The procedure to select QH is
similar to the procedure for QL. First, assign 2–5% of
the output power to be dissipated in the RDS(ON) of QH
using the equation for QL above. As was done with
QL, calculate the RMS current as follows:
D
I
I
Lrms
toprms
Calculate a starting RDS(ON) as follows, in this example
using 5%:
OUT
OUT
QH
I
V
P
 05
.
0
2
)
(
toprms
QH
ON
DS
I
P
R
Select a MOSFET and calculate the resulting gate
drive current. Verify that the combined gate drive
current from QL and QH does not exceed 80 mA.
Next, calculate the switching time using:
gdr
g
SW
I
Q
t
where Qg is the gate charge of the selected QH and Igdr
is the peak gate drive current available from the
ZL1505.
Although the ZL1505 has a typical gate drive current
of 3.2 A, use the minimum guaranteed current of 2 A
for a conservative design. Using the calculated
switching time, calculate the switching power loss in
QH using:
sw
OUT
sw
INM
swtop
f
I
t
V
P
The total power dissipated by QH is given by the
following equation:
swtop
QH
QHtot
P
P
P
5.7.8 MOSFET Thermal Check
Once the power dissipations for QH and QL have been
calculated, the MOSFET’s junction temperature can be
estimated.
Using
the
junction-to-case
thermal
resistance (Rth) given in the MOSFET manufacturer’s
datasheet and the expected maximum printed circuit
board temperature, calculate the junction temperature
as follows:
th
Q
pcb
j
R
P
T
T
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com