Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2004 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZL2004 Datasheet HTML 9Page - Renesas Technology Corp ZL2004 Datasheet HTML 10Page - Renesas Technology Corp ZL2004 Datasheet HTML 11Page - Renesas Technology Corp ZL2004 Datasheet HTML 12Page - Renesas Technology Corp ZL2004 Datasheet HTML 13Page - Renesas Technology Corp ZL2004 Datasheet HTML 14Page - Renesas Technology Corp ZL2004 Datasheet HTML 15Page - Renesas Technology Corp ZL2004 Datasheet HTML 16Page - Renesas Technology Corp ZL2004 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
ZL2004
FN6846 Rev. 3.00
Page 13 of 42
February 15, 2011
Table 7. Resistors for Setting Output Voltage
Index
R0 or R1
Index
R0 or R1
0
10 k
W
13
34.8 k
W
1
11 k
W
14
38.3 k
W
2
12.1 k
W
15
42.2 k
W
3
13.3 k
W
16
46.4 k
W
4
14.7 k
W
17
51.1 k
W
5
16.2 k
W
18
56.2 k
W
6
17.8 k
W
19
61.9 k
W
7
19.6 k
W
20
68.1 k
W
8
21.5 k
W
21
75 k
W
9
23.7 k
W
22
82.5 k
W
10
26.1 k
W
23
90.9 k
W
11
28.7 k
W
24
100 k
W
12
31.6 k
W
Example from Figure 8: For VOUT = 1.33 V,
Index1 = 4 x 1.33 V = 5.32;
From Table 7, R1 = 16.2 kΩ
Index0 = (100 x 1.33 V) – (25 x 5) = 8;
From Table 7, R0 = 21.5 kΩ
The output voltage may also be set to any value
between 0.6 V and 3.6 V using the I
2C interface. See
Application Note AN33 for details.
VIN
VOUT
1.33V
L1
C1
PWMH
PWML
ZL
Driver
MOSFET
V0
R0
21.5 k
Ω
V1
R1
16.2 k
Ω
Figure 8. Output Voltage Resistor Setting Example
POLA Voltage Trim Mode
The output voltage mapping can be changed to match
the voltage setting equations for POLA (Point of Load
Alliance)
and
DOSA
(Distributed-power
Open
Standards Alliance) standard modules.
The standard method for adjusting the output voltage
for a POLA module is defined by the following
equation:
W
W
k
V
V
V
k
R
out
SET
43
.
1
69
.
0
69
.
0
10
The resistor, RSET, is external to the POLA module. See
Figure 9.
-
+
1.43kΩ
Rset
0.69V
10kΩ
VOUT
POLA Module
Figure 9. Output Voltage Setting on POLA Module
To stay compatible with this existing method for
adjusting the output voltage and to keep the same
external RSET resistor when using the ZL2004, the
module manufacturer should add a 10 kΩ resistor on
the module as shown in Figure 10. Now, the same RSET
used for an analog POLA module will provide the
same output voltage when using a digital POLA
module based on the ZL2004.
ZL2004
10 k
Ω
POLA
MODULE
Rset
V1
V0
110 k
Ω
Figure 10. RSET on a POLA Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com