Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2004 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ZL2004 Datasheet HTML 34Page - Renesas Technology Corp ZL2004 Datasheet HTML 35Page - Renesas Technology Corp ZL2004 Datasheet HTML 36Page - Renesas Technology Corp ZL2004 Datasheet HTML 37Page - Renesas Technology Corp ZL2004 Datasheet HTML 38Page - Renesas Technology Corp ZL2004 Datasheet HTML 39Page - Renesas Technology Corp ZL2004 Datasheet HTML 40Page - Renesas Technology Corp ZL2004 Datasheet HTML 41Page - Renesas Technology Corp ZL2004 Datasheet HTML 42Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
ZL2004
FN6846 Rev. 3.00
Page 39 of 42
February 15, 2011
7. Package Dimensions
Notes:
1.
Dim ensions a nd tolera nces conf orm
to ASME
Y1 4 . 5 M
– 1 9 9 4 .
2.
All dim ensions a re in m illim eters,
θ is in degrees.
3.
N is the tota l num ber of term ina ls.
4.
Dim ension b a pplies to m eta liz ed term ina l a nd
is m ea sured between 0 . 1 5 a nd 0 . 3 3 m m
f rom
term ina l tip. If the term ina l ha s the optiona l
ra dius on the other end of the term ina l, the
dim ension b should not be m ea sured in tha t
ra dius a rea .
5.
ND a nd NE ref er to the num ber of term ina ls
on ea ch D a nd E side respectively.
6.
Ma x pa ck a ge wa rpa ge is 0 . 0 5 m m .
7.
Ma xim um
a llowa ble burrs is 0 . 0 7 6 m m
in a ll
directions.
8.
Pin # 1 ID on top will be la ser m a rk ed.
9.
Bila tera l copla na rity z one a pplies to the exposed
hea t sink slug a s well a s the term ina ls.
10.
This dra wing conf orm s to JEDEC registered outline
MO- 220.
5
8
ND
3 . 7 5
3 . 5 0
3 . 3 5
E2
3 . 7 5
3 . 5 0
3 . 3 5
D2
4
0 . 3 0
0 . 2 3
0 . 1 8
b
0 . 5 0
0 . 4 0
0 . 3 0
L
5
8
NE
3
32
N
0 . 5 0 BSC
e
5 . 0 BSC
E
5 . 0 BSC
D
0 . 2 0 MIN
k
2
12
-
0
θ
0 . 2 0 REF
A3
0 . 0 5
0 . 0 1
0 . 0 0
A1
0 . 9 0
0 . 8 5
A
MAX.
NOM.
MIN.
N
O
T
E
DIMENSIONS
S
Y M
BO
L
5
8
ND
3 . 7 5
3 . 5 0
3 . 3 5
E2
3 . 7 5
3 . 5 0
3 . 3 5
D2
4
0 . 3 0
0 . 2 3
0 . 1 8
b
0 . 5 0
0 . 4 0
0 . 3 0
L
5
8
NE
3
32
N
0 . 5 0 BSC
e
5 . 0 BSC
E
5 . 0 BSC
D
0 . 2 0 MIN
k
2
12
-
0
θ
0 . 2 0 REF
A3
0 . 0 5
0 . 0 1
0 . 0 0
A1
0 . 9 0
0 . 8 5
A
MAX.
NOM.
MIN.
N
O
T
E
DIMENSIONS
S
Y M
BO
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com