Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2004 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZL2004 Datasheet HTML 7Page - Renesas Technology Corp ZL2004 Datasheet HTML 8Page - Renesas Technology Corp ZL2004 Datasheet HTML 9Page - Renesas Technology Corp ZL2004 Datasheet HTML 10Page - Renesas Technology Corp ZL2004 Datasheet HTML 11Page - Renesas Technology Corp ZL2004 Datasheet HTML 12Page - Renesas Technology Corp ZL2004 Datasheet HTML 13Page - Renesas Technology Corp ZL2004 Datasheet HTML 14Page - Renesas Technology Corp ZL2004 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
ZL2004
FN6846 Rev. 3.00
Page 11 of 42
February 15, 2011
and adaptive frequency are available to provide greater
efficiency improvement.
The ZL2004 can also be used with a single-ended
MOSFET driver. Simple parameter changes allow the
device to use a single PWM to drive the logic input of
such drivers. The trade-offs for using this mode may
include reduced efficiency, reduced ramp-up timing
accuracy, and degraded pre-bias protection.
4.3 Power Management Overview
The ZL2004 incorporates a wide range of configurable
power management features that are simple to
implement with no external components. Additionally,
the ZL2004 includes circuit protection features that
continuously safeguard the device and load from
damage due to unexpected system faults. The ZL2004
can
continuously
monitor
input
voltage,
output
voltage/current,
internal
temperature,
and
the
temperature of an external thermal diode. A Power
Good output signal is also included to enable power-on
reset functionality for an external processor.
All power management functions can be configured
using either pin configuration techniques (see Figure 6)
or via the I
2C/SMBus interface. Monitoring parameters
can also be pre-configured to provide alerts for specific
conditions. See Application Note AN33 for more
details on SMBus monitoring.
4.4 Multi-mode Pins
In order to simplify circuit design, the ZL2004
incorporates patented multi-mode pins that allow the
user to easily configure many aspects of the device
with no programming. Most power management
features can be configured using these pins. The multi-
mode pins can respond to four different connections as
shown in Table 5. These pins are sampled when power
is applied or by issuing a PMBus Restore command
(See Application Note AN33).
Pin-strap Settings: This is the simplest implementation
method, as no external components are required. Using
this method, each pin can take on one of three possible
states: LOW, OPEN, or HIGH. These pins can be
connected to the V25 pin for logic HIGH settings as
this pin provides a regulated voltage higher than 2 V.
Using a single pin, one of three settings can be
selected. Using two pins, one of nine settings can be
selected.
Table 5. Multi-mode Pin Configuration
Pin Tied To
Value
LOW
(Logic LOW)
< 0.8 VDC
OPEN
(N/C)
No connection
HIGH
(Logic HIGH)
> 2.0 VDC
Resistor to SGND
Set by resistor value
ZL
Multi-mode Pin
ZL
RSET
Logic
high
Logic
low
Open
Pin-strap
Settings
Resistor
Settings
Multi-mode Pin
Figure 6. Pin-strap and Resistor Setting Examples
Resistor Settings: This method allows a greater range
of adjustability when connecting a finite value resistor
(in a specified range) between the multi-mode pin and
SGND. Standard 1% resistor values are used, and only
every fourth E96 resistor value is used so the device
can
reliably
recognize
the
value
of
resistance
connected to the pin while eliminating the error
associated with the resistor accuracy. Up to 31 unique
selections are available using a single resistor.
I
2C/SMBus Method: Almost any ZL2004 function can
be configured via the I
2C/SMBus interface using
standard PMBus commands. Additionally, any value
that has been configured using the pin-strap or resistor
setting methods can also be re-configured and/or
verified via the I
2C/SMBus. See Application Note
AN33 for more details.
The SMBus device address and VOUT_MAX are the
only parameters that must be set by external pins. All
other device parameters can be set via the I
2C/SMBus.
The device address is set using the SA0 and SA1 pins.
VOUT_MAX is determined as 10% greater than the
voltage set by the V0 and V1 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com