Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # AD8264ACPZ-R7
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD8264ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 31Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 32Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 33Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 34Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 35Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD8264
Data Sheet
Rev. B | Page 32 of 40
INx
AGNDx
AVDDx
DVDD
DGND
GNH1
GNH2
GNH3
GNH4
VNEG
VOCM
VOHx
VOLx
GNLO
VPOS
IPPx
OFSx
VGAx
ADC
AD9228
EVAL KIT
VPOS
VREF
PULSE
GENERATOR
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
50
100 150
SAMPLES
200 250 300
USB
REFIN
(ON BOARD)
USB 2.0 TO PC
ADI VISUAL
ANALOG
ANALYSIS
SOFTWARE
–INx
+INx
TO
SWITCHING
POWER
SUPPLY
+3.3V
+3.3V
–3.3V
+2.5V
VOUT0
VOUT1
VOUT3
VOUT4
VOUT39
VOUT RANGE = 0V TO 1.25V
EACH
AD8264 VGA
EVAL BOARD
DAC
AD5380
EVAL BOARD
TO 9
OTHER
AD8264s
GNLO = 625mV
VOCM = 1.0V
OFSx = −0.5V
+1.0V
VGA
OUTPUTS TO
OTHER
SIGNAL
PROCESSING
0V
–0.1V
EVAL-SDP-CB1Z
Figure 114. Evaluation Setup for DC-Coupled Analog Front-End Pulse Processing Application Using the AD8264
Figure 115. AD5381 Evaluation Software—AD5381 Option Selected.
A convenient method of verifying and customizing the signal
chains shown in Figure 112 and Figure 113 is by ordering the
corresponding evaluation boards available on www.analog.com.
The AD8264-EVALZ is a platform through which the user can
quickly become familiar with the features and performance
capabilities of the AD8264. See the Evaluation Board section
for more information.
When configuring evaluation boards around the AD8264-EVALZ,
always be certain to refer to the latest revision of the AD5381
and/or AD9228 data sheets for hardware revisions or updates.
The EVAL-AD5380SDPZ (a 40-channel DAC) connects to the
EVAL-SDP-CB1Z and includes a software evaluation program
to control the DAC. The AD5380 evaluation software allows the
user to configure and program DAC parameters such as input
codes, offset level, and output range, based on a 2.5 V or 1.25 V
reference. For example, as shown in Figure 114, the reference
can be set to 1.25 V, with a 0 V to 1.25 V output range to drive
the GNHx inputs. For DAC user application information, refer
to UG-757.
The ADC evaluation kit includes the AD9228-65EBZ board and
the HSC-ADC-FIFO5 board to decode the ADC output. The kit
also leverages the capabilities of VisualAnalog®, powerful sim-
ulation and data analysis software that enables the user to run
FFTs and to perform real-time capture of the output levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com