Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # AD8264ACPZ-R7
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD8264ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 31Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 32Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 33Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 34Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 35Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 36Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 37Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
AD8264
Data Sheet
Rev. B | Page 34 of 40
EVALUATION BOARD
Analog Devices, Inc. provides evaluation boards to customers as
a support service so that the circuit designer can become familiar
with the device in the most efficient way possible. The AD8264
evaluation board provides a fast, easy, and convenient means to
assess the performance of the AD8264 before going through the
hassle and expense of design and layout of a custom board. The
board is shipped fully assembled and tested, and it provides
basic functionality as shipped. Standard connectors enable the
user to attach standard lab test equipment without having to wait
for the rest of the design to be completed. Figure 117 shows a
digital image of the top view, and Figure 118 shows the schematic
diagram of the AD8264 evaluation board.
The printed circuit board (PCB) artwork for all conductor and
silkscreen layers is shown in Figure 119 to Figure 124. A descrip-
tion of a typical test setup can be found in the Applications
Information section. The PCB artwork can be used as a guide
for circuit layout and placement of devices. This is particularly
useful for multiple function circuits with many pins, requiring
multiple passive components.
CONNECTING AND USING THE AD8264-EVALZ
The AD8264 operates with bipolar power supplies from ±2.5 V dc
to ±5 V dc. Make sure the current capacity is ≥400 mA. Connect a
ground reference from the supplies to any of the black test loops,
the positive supply to the red test loop (+V), and the negative
supply to the blue test loop (−V).
Notice that the board is shipped with jumpers installed on the
2-pin headers marked GN1_2, GN3_4, OFS_12, OFS_34, GNLO,
and VOCM. If these jumpers are missing, the offset and common-
mode functions float high, substantially increasing the quiescent
current of the board.
Apply input signals to any of the preamps at the SMA connectors,
IN1 through IN4. These connectors are terminated with 50 Ω to
accommodate typical signal generator analyzer voltage source
impedances. The gain of the AD8264 preamps is fixed at 6 dB (2×)
and can be monitored at the SMA connectors, OP1_2 and OP3_4,
if desired. Note that there are output selector switches for each pair
of preamps and 453 Ω resistors in series with the preamp outputs.
Figure 117. Digital Image of the AD8264-EVALZ (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com