Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8264ACPZ-R7
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8264ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
AD8264
Rev. B | Page 5 of 40
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Supply Voltage
±2.5
±5
V
Power Consumption
Quiescent Current
VS = ± 2.5 V
65
79
88
mA
VS = ± 2.5 V, −40°C ≤ TA ≤ +105°C
79 ± 25
mA
VS = ± 3.3 V
70
85
95
mA
VS = ± 3.3 V, −40°C ≤ TA ≤ +105°C
85 ± 30
mA
VS = ± 5 V
81
99
110
mA
VS = ± 5 V, −40°C ≤ TA ≤ +85°C5
99 ± 30
mA
Power Dissipation
VS = ± 2.5 V
395
mW
VS = ±3.3 V
560
mW
VS = ±5 V
990
mW
PSRR
From VPOS to differential output, VGAIN = 0.7 V
−15
dB
From VNEG to differential output, VGAIN = 0.7 V
−15
dB
1 Differential Output = (VOHx − VOLx).
2 All dBm values are calculated with 50 Ω reference, unless otherwise noted.
3 Conformance to theoretical gain expression (see Equation 1 in the Theory of Operation section).
4 Conformance to best-fit dB linear curve.
5 For supplies greater than ±3.3 V, the operating temperature range is limited to −40°C ≤ TA ≤ +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com