Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8264ACPZ-R7
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8264ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Data Sheet
AD8264
Rev. B | Page 7 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PAD (PIN 0) NEEDS AN ELECTRICAL
CONNECTION TO GROUND. FOR PROPER RF
GROUNDING AND INCREASED RELIABILITY, THE PAD
MUST BECONNECTED TO THE GROUND PLANE.
PIN1
INDICATOR
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
VOH3
VGA3
VOL3
VOH1
VOH2
VGA2
VOL2
VOL1
VOL4
VOH4
IPP2
OPP3
IPN3
IPP3
IPN2
IPN1
OPP1
OPP2
IPN4
OPP4
AD8264
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
0 (EP), 12, 39
COMM
Ground. Exposed pad (EP, Pin 0) needs an electrical connection to ground. For proper RF grounding
and increased reliability, the pad must be connected to the ground plane.
1, 4, 7, 10
IPN1, IPN2,
IPN3, IPN4
Negative Preamp Inputs for Channel 1 Through Channel 4. Normally, no external connection is needed.
2, 3, 8, 9
OPP1, OPP2,
OPP3, OPP4
Preamp Output for Channel 1 Through Channel 4. This pin is internally connected to the attenuator
(VGA) input, and normally, no external connection is needed.
5, 6, 11, 40
IPP1, IPP2,
IPP3, IPP4
Positive Preamp Input for Channel 1 Through Channel 4. High impedance.
13, 14, 37, 38
GNH1, GNH2,
GNH3, GNH4
Positive Gain Control Voltage Input for Channel 1 Through Channel 4. This pin is referenced to GNLO (Pin 36).
15
VOCM
This pin sets the differential output amplifier (VOHx and VOLx) common-mode voltage.
16, 35
VPOS
Positive Supply (Internally Tied Together).
17, 34
VNEG
Negative Supply (Internally Tied Together).
18, 19, 32, 33
OFS1, OFS2,
OFS3, OFS4
Voltage sets the differential output offset for Channel 1 through Channel 4. This is the noninverting input
to the differential amplifier, and it has the same bandwidth as the inverting input (VGAx).
20, 25, 26, 31
VGA4, VGA3
VGA2, VGA1
VGA Output for Channel 1 Through Channel 4.
21, 24, 27, 30
VOL1, VOL2
VOL3, VOL4
Negative Differential Amplifier Output for Channel 1 Through Channel 4.
22, 23, 28, 29
VOH1, VOH2,
VOH3, VOH4
Positive Differential Amplifier Output for Channel 1 Through Channel 4.
36
GNLO
Negative Gain Control Input (Reference for GNHx Pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com