Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8264ACPZ-R7
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8264ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD8264
Data Sheet
Rev. B | Page 4 of 40
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Two-Tone Intermodulation Distortion (IMD3)
VGAx = 1 V p-p, f1 = 10 MHz, f2 = 11 MHz
−68
dBc
VGAx = 1 V p-p, f1 = 35 MHz, f2 = 36 MHz
−51
dBc
VOUT = 2 V p-p, f1 = 10 MHz, f2 = 11 MHz
−49
dBc
VOUT = 2 V p-p, f1 = 35 MHz, f2 = 36 MHz
−34
dBc
Output Third-Order Intercept
VGAx = 1 V p-p, f = 10 MHz
32
dBm
19
dBVRMS
VGAx = 1 V p-p, f = 35 MHz
23
dBm
10
dBVRMS
VOUT = 2 V p-p, f = 10 MHz
30
dBm
17
dBVRMS
VOUT = 2 V p-p, f = 35 MHz
21
dBm
8
dBVRMS
Overload Recovery
VGAIN = 0.7 V, VIN stepped from 0.1 V p-p to
1 V p-p
25
ns
Group Delay Variation
1 MHz < f < 100 MHz, full gain range
±1
ns
ACCURACY
Absolute Gain Error3
−0.7 V < VGAIN < −0.6 V
0
0.2 to 2
3
dB
−0.6 V < VGAIN < −0.5 V
−1.25
±0.35
+1.25
dB
−0.5 V < VGAIN < +0.5 V
−1
±0.25
+1
dB
0.5 V < VGAIN < 0.6 V
−1.25
±0.35
+1.25
dB
0.6 V < VGAIN < 0.7 V
−3
−0.2 to −2
0
dB
Gain Law Conformance4
−0.5 V < VGAIN < +0.5 V, ±2.5 V
 V
S
 ±5 V
±0.2
dB
−0.5 V < VGAIN < +0.5 V, −40°C ≤ TA ≤ +105°C
±0.3
dB
Channel-to-Channel Matching
Single IC, −0.5 V < VGAIN < +0.5 V,
−40°C ≤ TA ≤ +105°C
−0.5
±0.1 to ±0.25
+0.5
dB
Multiple ICs, −0.5 V < VGAIN < +0.5 V,
−40°C ≤ TA ≤ +105°C
±0.25
dB
GAIN CONTROL INTERFACE
Gain Scaling Factor
−0.5 V < VGAIN < +0.5 V
19.5
20.0
20.5
dB/V
Over Temperature
−40°C ≤ TA ≤ +105°C
20 ± 0.5
dB/V
Gain Range
24
dB
Gain Intercept to VGAx
11.5
11.9
12.2
dB
Over Temperature
−40°C ≤ TA ≤ +105°C
11.9 ± 0.4
dB
Gain Intercept to Differential Output
17.5
17.9
18.2
dB
Over Temperature
−40°C ≤ TA ≤ +105°C
17.9 ± 0.4
dB
GNHx Input Voltage Range
GNLO = 0 V, no gain foldover
−VS
+VS
V
Input Resistance
ΔVIN/ΔIBIAS, −0.7 V < VGAIN < +0.7 V
70
MΩ
GNHx Input Bias Current
−0.7 V < VGAIN < 0.7 V
−0.9
−0.4
0
μA
Over Temperature
−0.7 V < VGAIN < 0.7 V, −40°C ≤ TA ≤ +105°C
−0.4 ± +0.2
μA
GNLO Input Bias Current
−0.7 V < VGAIN < 0.7 V
−1.2
μA
Over Temperature
−0.7 V < VGAIN < 0.7 V, −40°C ≤ TA ≤ +105°C
−1.2 ± +0.4
μA
Response Time
24 dB gain change
200
ns
OUTPUT BUFFER
VOCM Input Bias Current
0.3
1.5
2.5
nA
Over Temperature
−40°C ≤ TA ≤ +105°C
1.5 ± 0.3
nA
VOCM Input Voltage Range
OFSx = 0 V, VGAx = 0 V
−1.4
+1.4
V
Gain (VGAx to Differential Output)
5.75
6
6.25
dB
Over Temperature
−40°C ≤ TA ≤ +105°C
6 ± 0.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com