Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8337BCPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8337BCPZ-R2
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337BCPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8337BCPZ-R2 Datasheet HTML 1Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 2Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 3Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 4Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 5Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8337
Data Sheet
Rev. D | Page 4 of 28
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
VS = ±5 V
Harmonic Distortion
VGAIN = 0 V, VOUT = 1 V p-p
HD2
f = 1 MHz
−85
dBc
HD3
−75
dBc
HD2
f = 10 MHz
−90
dBc
HD3
−80
dBc
HD2
f = 35 MHz
−75
dBc
HD3
−76
dBc
Input 1 dB Compression Point
VGAIN = −0.7 V, f = 10 MHz
14.5
dBm
VGAIN = +0.7 V, f = 10 MHz
−1.7
dBm
Two-Tone Intermodulation Distortion (IMD3)
VGAIN = 0 V, VOUT = 1 V p-p, f1 = 10 MHz, f2 = 11 MHz
−74
dBc
VGAIN = 0 V, VOUT = 1 V p-p, f1 = 45 MHz, f2 = 46 MHz
−60
dBc
VGAIN = 0 V, VOUT = 2 V p-p, f1 = 10 MHz, f2 = 11 MHz
−64
dBc
VGAIN = 0 V, VOUT = 2 V p-p, f1 = 45 MHz, f2 = 46 MHz
−49
dBc
Output Third-Order Intercept
VGAIN = 0 V, VOUT = 1 V p-p, f = 10 MHz
35
dBm
VGAIN = 0 V, VOUT = 1 V p-p, f = 45 MHz
28
dBm
VGAIN = 0 V, VOUT = 2 V p-p, f = 10 MHz
36
dBm
VGAIN = 0 V, VOUT = 2 V p-p, f = 45 MHz
28
dBm
Overload Recovery
VGAIN = 0.7 V, VIN = 0.1 V p-p to 1 V p-p
50
ns
ACCURACY
Absolute Gain Error
−0.7 V < VGAIN < −0.6 V
0.7 to 3.5
dB
−0.6 V < VGAIN < −0.5 V
−1.25
±0.35
+1.25
dB
−0.5 V < VGAIN < +0.5 V
−1.0
±0.25
+1.0
dB
0.5 V < VGAIN < 0.6 V
−1.25
±0.35
+1.25
dB
0.6 V < VGAIN < 0.7 V
−0.7 to −3.5
dB
GAIN CONTROL INTERFACE
Gain Scaling Factor
−0.6 V < VGAIN < +0.6 V
19.7
dB/V
Gain Range
24
dB
Intercept
VGAIN = 0 V
12.65
dB
Input Voltage (VGAIN) Range
No foldover
−VS
+VS
V
Input Impedance
70
MΩ
Bias Current
−0.7 V < VGAIN < +0.7 V
0.3
μA
Response Time
24 dB gain change
200
ns
POWER SUPPLY
Supply Voltage
VPOS to VNEG (dual- or single-supply operation)
4.5
5
10
V
VS = ±2.5 V
Quiescent Current
Each supply (VPOS and VNEG)
10.5
15.5
23.5
mA
Power Dissipation
No signal, VPOS to VNEG = 5 V
78
mW
PSRR
VGAIN = 0.7 V, f = 1 MHz
−40
dB
VS = ±5 V
Quiescent Current
Each supply (VPOS and VNEG)
13.5
18.5
25.5
mA
Power Dissipation
No signal, VPOS to VNEG = 10 V
185
mW
PSRR
VGAIN = 0.7 V, f = 1 MHz
−40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com