Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8337BCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8337BCPZ-R2
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337BCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8337BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD8337
Rev. D | Page 11 of 28
–30
200
–50
–800
VGAIN (mV)
–600
800
–400
600
–200
400
0
–60
–80
–70
–40
–90
LIMITED BY
MAXIMUM PREAMP
OUTPUT SWING
VOUT = 2V p-p
VOUT = 1V p-p
VOUT = 0.5V p-p
Figure 27. HD2 vs. VGAIN for Three Levels of Output Voltage
(See Figure 52)
–30
200
–50
–800
VGAIN (mV)
–600
800
–400
600
–200
400
0
–60
–80
–70
–40
–90
VOUT = 2V p-p
VOUT = 1V p-p
VOUT = 0.5V p-p
LIMITED BY
MAXIMUM PREAMP
OUTPUT SWING
Figure 28. HD3 vs. VGAIN for Three Levels of Output Voltage
(See Figure 52)
–20
10M
–30
1M
–60
–80
–70
100M
FREQUENCY (Hz)
VS = ±2.5V
VS = ±5V
VOUT = 1V p-p
VGAIN = 0V
TONES SEPARATED BY 100kHz
–40
–50
Figure 29. IMD3 vs. Frequency
(See Figure 64)
50
200
40
–800
–600
800
–400
600
–200
400
0
30
10
20
0
1MHz
10MHz
45MHz
70MHz
100MHz
VGAIN (mV)
VOUT = 1V p-p
TONES SEPARATED BY 100kHz
Figure 30. Output Referred IP3 (OIP3) vs. VGAIN
at Five Frequencies (See Figure 64)
50
200
40
–800
–600
800
–400
600
–200
400
0
30
10
20
0
1MHz
10MHz
45MHz
70MHz
100MHz
VGAIN (mV)
VS = ±5V
VOUT = 1V p-p
TONES SEPARATED BY 100kHz
Figure 31. Output Referred IP3 (OIP3) vs. VGAIN, VS = ±5 V
at Five Frequencies (See Figure 64)
20
200
15
–800
–600
800
–400
600
–200
400
0
10
–10
5
–15
0
–5
PREAMP LIMITED
VGAIN (mV)
VS = ±2.5V
VS = ±5V
Figure 32. Input Referred P1dB (IP1dB) vs. VGAIN
(See Figure 63)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com