Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8337BCPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8337BCPZ-R2
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337BCPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8337BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
AD8337
Rev. D | Page 19 of 28
referenced design, the VGAIN range is from −0.7 V to +0.7 V with the
most linear-in-dB section of the gain control between −0.6 V and +0.6
V. In the center 80% of the VGAIN range, the gain error is typically less
than ±0.2 dB. The gain control voltage can be increased or decreased to
the positive or negative rails without gain foldover.
e gain scaling factor (gain slope) is designed for 20 dB/V. This relatively
low slope ensures that noise on the GAIN input is not unduly
amplified. Because a VGA functions as a multiplier, it is important that
the GAIN input does not inadvertently modulate the output signal with
unwanted noise. Because of its high input impedance, a simple low-
pass filter can be added to the GAIN input to filter unwanted noise.
OUTPUT STAGE
The output stage is a Class AB, voltage-feedback, complementary emitter-
follower with a fixed gain of 18 dB, similar to the preamplifier in speed
and bandwidth. Because of the ac-beta roll-off of the output devices
and the inherent reduction in feedback beyond the −3 dB bandwidth,
the impedance looking into the output pin of the preamp and output
stages appears to be inductive (increasing impedance with increasing
frequency). The high speed output amplifier used in the
AD8337 can
drive large currents, but its stability is susceptible to capacitive
loading. A small series resistor mitigates the effects of capacitive
loading (see the Applications Information section).
ATTENUATOR
The input resistance of the VGA attenuator is nominally 265 Ω. For
example, if the default preamplifier feedback network RFB1 + RFB2 is
200 Ω, the effective preamplifier load is approximately 114 Ω. The
attenuator is composed of eight 3.01 dB sections for a total
attenuation range of −24.08 dB. Following the attenuator is a fixed
gain amplifier with 8× (18.06 dB) gain. Because of this relatively low
gain, the output offset is kept well below 20 mV over temperature; the
offset is largest at maximum gain when the preamplifier offset is
amplified. The VCOM pin defines the common-mode reference for
the output, as shown in Figure 65.
SINGLE-SUPPLY OPERATION AND AC COUPLING
If the
AD8337 is to be operated from a single 5 V supply, the bias
supply for VCOM must be a very low impedance 2.5 V reference,
especially if dc coupling is used. If the device is dc-coupled, the VCOM
source must be able to handle the preamplifier and VGA dynamic load
currents in addition to the bias currents.
When ac coupling the preamplifier input, a bias network and
bypass capacitor must be connected to the opposite polarity input
pin. The bias generator for the VCOM pin must provide the
dynamic current to the preamplifier feedback network and the
VGA attenuator. For many single 5 V applications, a reference, such
as the ADR391, and a good op amp provide an adequate VCOM
source if a 2.5 V supply is unavailable.
NOISE
The total input referred voltage and current noise of the positive
input of the preamplifier are about 2.2 nV/Hz and 4.8 pA/Hz. The
VGA output referred noise is about 21 nV/Hz at low gains. This
result is divided by the VGA fixed gain amplifier gain of 8× and
results in a voltage noise density of 2.6 nV/Hz referred to the
VGA input. This value includes the noise of the VGA gain setting
resistors as well. If this voltage is again divided by the preamp gain
of 2, the VGA noise referred all the way to the preamp input is
about 1.3 nV/Hz. From this, it is determined that the preamplifier,
including the 100 Ω gain setting resistors, contributes about 1.8
nV/Hz. The two 100 Ω resistors contribute 1.29 nV/Hz each at the
output of the preamp. With the gain resistor noise subtracted, the
preamplifier noise is approximately 1.55 nV/Hz.
Equation 2 shows the calculation that determines the output
referred noise at maximum gain (24 dB or 16×).
where:
At is the total gain from preamp input to VGA output.
RS is the source resistance.
en−PrA is the input referred voltage noise of the preamp.
in−PrA is the current noise of the preamp at the INPP pin.
en −
1
FB
R
is the voltage noise of RFB1.
en −
2
FB
R
is the voltage noise of RFB2.
en − VGA is the input referred voltage noise of the VGA (low gain,
output referred noise divided by a fixed gain of 8×).
Assuming RS = 0 Ω, RFB1 = RFB2 = 100 Ω, At = 16×, and AVGA =
8×, the noise simplifies to
en − out =
Hz
nV
35
8)
(1.9
8)
2(1.29
16)
(1.75
2
2
2
(1)
Dividing the result by 16 gives the total input referred noise with
a short-circuited input as 2.2 nV/Hz. When the preamplifier is
used in the inverting configuration with the same RFB1 and RFB2=
100 Ω as previously noted, en − out does not change. However,
because the gain dropped by 6 dB, the input referred noise
increases by a factor of 2 to about 4.4 nV/Hz. The reason for this
increase is that the noise gain to the output of the noise generators
stays the same, yet the preamp in the inverting configuration has a
gain of −1 compared to the +2 in the noninverting configuration;
this increases the input referred noise by 2.
2
)
VGA
A
n
(e
2
)
VGA
A
n
(e
2
)
VGA
A
FB1
R
FB2
R
n
(e
2
)
S
R
n
(i
2
)
t
A
n
(e
2
t
A
S
R
n
e
n
e
VGA
R
R
PrA
PrA
out
FB2
FB1
)
(
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com