Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8337BCPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8337BCPZ-R2
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337BCPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8337BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD8337
Data Sheet
Rev. D | Page 18 of 28
THEORY OF OPERATION
VOUT
GAIN
RG
18dB
(8x)
2
1
6
PRAO
VNEG
VCOM
+
–
7
749Ω
107Ω
PrA
6dB
GAIN
INTERFACE
BIAS
+
–
8
VPOS
INPP
INPN
5
3
4
INTERPOLATOR
ATTENUATOR
–24dB TO 0dB
+
–
RFB1 = RFB2 = 100Ω
RFB2
RFB1
Figure 65. Circuit Block Diagram
OVERVIEW
The AD8337 is a low noise, single-ended, linear-in-dB, general-
purpose variable gain amplifier (VGA) usable at frequencies up
to 100 MHz. It is fabricated using a proprietary Analog Devices
dielectrically isolated, complementary bipolar process. The
bandwidth is dc to 280 MHz and features low dc offset voltage
and an ideal nominal gain range of 0 dB to 24 dB. Requiring
about 15.5 mA, the power consumption is only 78 mW from
either a single +5 V or a dual ±2.5 V supply. Figure 65 is the
circuit block diagram of the AD8337.
PREAMPLIFIER
The uncommitted current feedback op amp included in the
AD8337 is used as a preamplifier to buffer the ladder network
attenuator of the X-AMP. As with any op amp, the gain is
established using external resistors, and the preamplifier is
specified with a noninverting gain of 6 dB (2×) and gain resistor
values of 100 Ω. Current feedback amplifiers exhibit many
properties dissimilar from more familiar voltage feedback
amplifiers. One of the more significant differences is the
asymmetrical input impedances between inverting and non-
inverting inputs where the noninverting input impedance is
much higher. The practical effects of this difference are that
current feedback amplifiers are more commonly used in
noninverting gain applications and applications requiring
higher slew rates or bandwidths. For a description of these
current vs voltage feedback amplifiers properties, refer to
Section 1 of the Op Amp Applications Handbook, 2005.
The preamplifier gain is increased using larger values of RFB2,
trading off bandwidth and offset voltage. The value of RFB2 is to
be ≥100 Ω because the value and an internal compensation
capacitor determine the 3 dB bandwidth, and smaller values can
compromise preamplifier stability.
Because the AD8337 is dc-coupled, larger preamp gains increase
the offset voltage. The offset voltage can be compensated by
connecting a resistor between the INPN input and the supply
voltage. If the offset is negative, the resistor value connects to
the negative supply. For ease of adjustment, a trimmer network
can be used.
For larger gains, the overall noise is reduced if a low value of
RFB1 is selected. For values of RFB1 = 20 Ω and RFB2 = 301 Ω, the
preamp gain is 16× (24.1 dB), and the input referred noise is
approximately 1.5 nV/√Hz. For this value of gain, the overall
gain range increases by 18 dB; therefore, the gain range is 18 dB
to 42 dB.
VGA
This X-AMP, with its linear-in-dB gain characteristic
architecture, yields the optimum dynamic range for receiver
applications. Referring to Figure 65, the signal path consists of
a −24 dB variable attenuator followed by a fixed gain amplifier of
18 dB, for a total VGA gain range of −6 dB to +18 dB. With the
preamplifier configured for a gain of 6 dB, the composite gain
range is 0 dB to 24 dB.
The VGA plus preamp, with 6 dB of gain, implements the
following exact gain law:
(dB)
V
dB
19.7
(dB)
ICPT
GAIN
V
Gain


where the nominal intercept (ICPT) = 12.65 dB.
The ICPT increases as the gain of the preamp is increased. For
example, if the gain of the preamp is increased by 6 dB, ICPT
increases to 18.65 dB. Although the previous equation shows
the exact gain law as based on statistical data, a quick estimation
of signal levels can be made using the default slope of 20 dB/V
for a particular gain setting. For example, the change in gain for
a VGAIN change of 0.3 V is 6 dB using a slope of 20 dB/V and
5.91 dB using the exact slope of 19.6 dB/V. This is a difference
of only 0.09 dB.
GAIN CONTROL
The gain control interface provides a high impedance input and is
referenced to the VCOM pin (in a single-supply application to
midsupply at [VPOS + VNEG]/2 for optimum swing). When dual
supplies are used, VCOM is connected to ground. The voltage on the
VCOM pin determines the midpoint of the gain range. For a ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com