Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8337BCPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8337BCPZ-R2
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337BCPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8337BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
AD8337
Rev. D | Page 15 of 28
50Ω
IN
SPECTRUM ANALYZER
PrA
3
4
1
5
100Ω
49.9Ω
100Ω
7
AD8337
+
–
0Ω
0Ω
VGAIN
Figure 50. Input Referred and Output Referred Noise
NOISE FIGURE METER
AD8337
100Ω
5
3
4
PrA
+
–
1
100Ω
7
49.9Ω
(OR ∞)
INPUT
0Ω
0Ω
NOISE
SOURCE
DRIVE
NOISE
SOURCE
VGAIN
Figure 51. Noise Figure vs. VGAIN
SPECTRUM ANALYZER
AD8337
100Ω
5
3
4
PrA
+
–
1
100Ω
7
49.9Ω
INPUT
20Ω
LOW-
PASS
FILTER
SIGNAL
GENERATOR
CL
50Ω
RL
VGAIN
Figure 52. Harmonic Distortion
OSCILLOSCOPE
CH2
50Ω
OUT
50Ω
CH1
PULSE
GENERATOR
20Ω 453Ω
56.2Ω
0.7V
POWER
SPLITTER
100Ω
AD8337
5
3
4
PrA
+
–
1
100Ω
7
49.9Ω
Figure 53. Pulse Response
OSCILLOSCOPE
AD8337
100Ω
5
3
4
PrA
+
–
1
100Ω
7
CH2
50Ω
DIFFERENTIAL
FET PROBE
50Ω
CH1
DUAL
FUNCTION
GENERATOR
VGAIN
20Ω 453Ω
NC
POWER
SPLITTER
SQUARE
WAVE
49.9Ω
SINE
WAVE
Figure 54. Gain Response
OSCILLOSCOPE
AD8337
100Ω
5
3
4
PrA
+
–
1
100Ω
7
CH2
50Ω
CH1
FUNCTION
GENERATOR
NC
OUTPUT
49.9Ω
100Ω
NC
Figure 55. Preamp Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com