Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT27C010 Datasheet(PDF) 10 Page - Force Technologies Ltd

Part # FT27C010
Description  1-Megabit (128K x 8) UVEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT27C010 Datasheet(HTML) 10 Page - Force Technologies Ltd

Back Button FT27C010 Datasheet HTML 3Page - Force Technologies Ltd FT27C010 Datasheet HTML 4Page - Force Technologies Ltd FT27C010 Datasheet HTML 5Page - Force Technologies Ltd FT27C010 Datasheet HTML 6Page - Force Technologies Ltd FT27C010 Datasheet HTML 7Page - Force Technologies Ltd FT27C010 Datasheet HTML 8Page - Force Technologies Ltd FT27C010 Datasheet HTML 9Page - Force Technologies Ltd FT27C010 Datasheet HTML 10Page - Force Technologies Ltd FT27C010 Datasheet HTML 11Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
FT27C010(L)
90
35
0.1
FT27C010-90DC
FT27C010-90LC
CDIL
LCC
Commercial
(0°C to 70°C)
35
0.1
FT27C010-90DI
FT27C010-90LI
CDIL
LCC
Industrial
(-40°C to 85°C)
35
0.1
FT27C010-90DA
FT27C010-90LA/KA
CDIL/LCC/JLCC
Automotive
(-40°C to 125°C)
120
35
0.1
FT27C010-12DC
FT27C010-12LC
CDIL
LCC
Commercial
(0°C to 70°C)
35
0.1
FT27C010-12DI
FT27C010-12LI
LCC
Industrial
(-40°C to 85°C)
35
0.1
FT27C010-12DA
FT27C010-12LA
CDIL
LCC
Automotive
(-40°C to 125°C)
150
35
0.1
FT27C010-15DC
FT27C010-15LC
CDIL
LCC
Commercial
(0°C to 70°C)
35
0.1
FT27C010-15DI
FT27C010-15LI
CDIL
LCC
Industrial
(-40°C to 85°C)
35
0.1
FT27C010-15JA
FT27C010-15LA/KA
CDIL
LCC/JLCC
Automotive
(-40°C to 125°C)
FT27C010 Ordering Information (Continued)
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
Package Type
LCC
32-pad, Windowed Leadless Chip Carrier (LCC)
CDIL
32-Lead, 0.600" Wide, Ceramic Dual Inline Package (CDIL)
JLCC
32-Lead, Windowed J Leaded Chip Carrier (JLCC)
2006
10/11
Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com