Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT27C010 Datasheet(PDF) 1 Page - Force Technologies Ltd

Part # FT27C010
Description  1-Megabit (128K x 8) UVEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT27C010 Datasheet(HTML) 1 Page - Force Technologies Ltd

  FT27C010 Datasheet HTML 1Page - Force Technologies Ltd FT27C010 Datasheet HTML 2Page - Force Technologies Ltd FT27C010 Datasheet HTML 3Page - Force Technologies Ltd FT27C010 Datasheet HTML 4Page - Force Technologies Ltd FT27C010 Datasheet HTML 5Page - Force Technologies Ltd FT27C010 Datasheet HTML 6Page - Force Technologies Ltd FT27C010 Datasheet HTML 7Page - Force Technologies Ltd FT27C010 Datasheet HTML 8Page - Force Technologies Ltd FT27C010 Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Features
• Fast Read Access Time - 45 ns
• Low-Power CMOS Operation
– 100 µA max. Standby
– 25 mA max. Active at 5 MHz (FT27C010L)
– 35 mA max. Active at 5 MHz (FT27C010)
• JEDEC Standard Packages
– 32-Lead CDIL/LCC/JLCC +Custom Ceramic packages
• 5V ± 10% Supply
• High Reliability CMOS Technology
– 2000V ESD Protection
– 200 mA Latchup Immunity
• Programming Algorithm - 100 µs/byte (typical)
• CMOS and TTL Compatible Inputs and Outputs
• Integrated Product Identification Code
• Commercial, Industrial and Automotive Temperature Ranges. MILITARY-Contact sales
Description
The FT27C010(L) is a low-power, high-performance 1,048,576-bit UV erase/program-
mable read only memory (UVEPROM) organised as 128K by 8 bits. They require
only one 5V power supply in normal read mode operation. Any byte can be accessed
in less than 45 ns, eliminating the need for speed reducing WAIT states on high-per-
formance microprocessor systems.
Two power versions are offered. In read mode, the FT27C010 typically consumes 25
mA while the FT27C010L requires only 8 mA. Standby mode supply current for both
parts is typically less than 10 µA.
1-Megabit
(128K x 8)
UVEPROM
FT27C010(L)
1M bit EPROM
Pin Configurations
Pin Name
Function
A0 - A16
Addresses
O0 - O7
Outputs
CE
Chip Enable
OE
Output Enable
PGM
Program Strobe
NC
No Connect
CDIL Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
VCC
PGM
NC
A14
A13
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
CLCC/JLCC Top View
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
O0
A14
A13
A8
A9
A11
OE
A10
CE
O7
2006
1/11
Rev 1


Similar Part No. - FT27C010

ManufacturerPart #DatasheetDescription
logo
Fangtek Ltd.
FT2705 FANGTEK-FT2705 Datasheet
1Mb / 25P
2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
ft2705P FANGTEK-ft2705P Datasheet
1Mb / 25P
2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
FT2708 FANGTEK-FT2708 Datasheet
946Kb / 26P
3.8W/Ch Stereo Class-D Audio Power Amplifier with Dual Modes of Automatic Level Control
ft2708P FANGTEK-ft2708P Datasheet
946Kb / 26P
3.8W/Ch Stereo Class-D Audio Power Amplifier with Dual Modes of Automatic Level Control
ft2708Q FANGTEK-ft2708Q Datasheet
946Kb / 26P
3.8W/Ch Stereo Class-D Audio Power Amplifier with Dual Modes of Automatic Level Control
More results

Similar Description - FT27C010

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
1 Megabit (128K x 8-Bit) EEPROM
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
3.3V 1 Megabit (128K x 8-Bit) EEPROM
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
1 Megabit (128K x 8-Bit) - OTP EPROM
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
1 Megabit (128K x 8-Bit) EEPROM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
1 Megabit Static RAM 128K x 8-Bit
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
1 Megabit (128K x 8) Page Mode EEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
1-Megabit (128K x 8) OTP EPROM
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
1-megabit (128K x 8) Paged Parallel EEPROM
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
1-Megabit (128K x 8) Paged Parallel EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com