Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT27C010 Datasheet(PDF) 4 Page - Force Technologies Ltd

Part # FT27C010
Description  1-Megabit (128K x 8) UVEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT27C010 Datasheet(HTML) 4 Page - Force Technologies Ltd

  FT27C010 Datasheet HTML 1Page - Force Technologies Ltd FT27C010 Datasheet HTML 2Page - Force Technologies Ltd FT27C010 Datasheet HTML 3Page - Force Technologies Ltd FT27C010 Datasheet HTML 4Page - Force Technologies Ltd FT27C010 Datasheet HTML 5Page - Force Technologies Ltd FT27C010 Datasheet HTML 6Page - Force Technologies Ltd FT27C010 Datasheet HTML 7Page - Force Technologies Ltd FT27C010 Datasheet HTML 8Page - Force Technologies Ltd FT27C010 Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FT27C010(L)
Notes: 1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP..
2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP..
Notes:
2,3,4,5. - see AC Waveforms for Read Operation.
DC and AC Operating Conditions for Read Operation
FT27C010/FT27C010L
-45
-55
-70
-90
-12
-15
Operating
Temp. (Case)
Com.
0°C - 70°C0°C - 70°C0°C - 70°C0°C - 70°C0°C - 70°C0°C - 70°C
Ind.
-40°C - 85°C-40°C - 85°C-40°C - 85°C-40°C - 85°C-40°C - 85°C-40°C - 85°C
Auto.
-40°C - 125°C-40°C - 125°C-40°C - 125°C
VCC Power Supply
5V ± 10%
5V ± 10%
5V ± 10%
5V ± 10%
5V ± 10%
5V ± 10%
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
Com., Ind.
± 1µA
Auto.
± 5µA
ILO
Output Leakage Current
VOUT = 0V to VCC
Com., Ind.
± 5µA
Auto.
±10
µA
IPP1(2)
VPP(1)) Read/Standby Current
VPP = VCC
10
µA
ISB
VCC(1) Standby Current
ISB1 (CMOS), CE = VCC ± 0.3V
100
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA,
CE = VIL
FT27C010(L)
25
mA
FT27C010
35
mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400 µA2.4
V
AC Characteristics for Read Operation
Symbol
Parameter
Condition
FT27C010/FT27C010L
Units
-45
-55
-70
-90
-12
-15
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tACC(3)
Address to Output Delay
CE =OE =VIL
45
55
70
90
120
150
ns
tCE(2)
CE to Output Delay
OE = VIL
45
55
70
90
120
150
ns
tOE(2)(3)
OE to Output Delay
CE = VIL
20
25
30
35
35
40
ns
tDF(4)(5)
OE or CE High to Output Float, whichever occurred
first
20
20
25
25
30
35
ns
tOH
Output Hold from Address, CE or OE, whichever
occurred first
77
70
00
ns
2006
4/11
Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com