Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT27C010 Datasheet(PDF) 2 Page - Force Technologies Ltd

Part # FT27C010
Description  1-Megabit (128K x 8) UVEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT27C010 Datasheet(HTML) 2 Page - Force Technologies Ltd

  FT27C010 Datasheet HTML 1Page - Force Technologies Ltd FT27C010 Datasheet HTML 2Page - Force Technologies Ltd FT27C010 Datasheet HTML 3Page - Force Technologies Ltd FT27C010 Datasheet HTML 4Page - Force Technologies Ltd FT27C010 Datasheet HTML 5Page - Force Technologies Ltd FT27C010 Datasheet HTML 6Page - Force Technologies Ltd FT27C010 Datasheet HTML 7Page - Force Technologies Ltd FT27C010 Datasheet HTML 8Page - Force Technologies Ltd FT27C010 Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FT27C010(L)
The FT27C010(L) in available in a industry stan-
dard JEDEC-approved programmable (UVerasable)
Ceramic DIl, LCC, packages. All devices fea-
ture two line control (CE, OE) to give designers the flexibil-
ity to prevent bus contention.
With 128K byte storage capability, the FT27C010(L) allows
firmware to be stored reliably and to be accessed by the
system without the delays of mass storage media.
Force FT27C010(L) have additional features to ensure high
quality and efficient production use. The Program-
ming Algorithm reduces the time required to program the
part and guarantees reliable programming. Programming
time is typically only 100 µs/byte. The Integrated Product
Identification Code electronically identifies the device and
manufacturer. This feature is used by industry standard
programming equipment to select the proper programming
algorithms and voltages.
System Considerations
Switching between active and standby conditions via the
Chip Enable pin may produce transient voltage excursions.
Unless accommodated by the system design, these tran-
sients may exceed data sheet limits, resulting in device
non-conformance. At a minimum, a 0.1 µF high frequency,
low inherent inductance, ceramic capacitor should be uti-
lised for each device. This capacitor should be connected
between the VCC and Ground terminals of the device, as
close to the device as possible. Additionally, to stabilise the
supply voltage level on printed circuit boards with large
EPROM arrays, a 4.7 µF bulk electrolytic capacitor should
be utilised, again connected between the VCC and Ground
terminals. This capacitor should be positioned as close as
possible to the point where the power supply is connected
to the array.
Block Diagram
2006
2/11
Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com