Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT27C010 Datasheet(PDF) 3 Page - Force Technologies Ltd

Part # FT27C010
Description  1-Megabit (128K x 8) UVEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT27C010 Datasheet(HTML) 3 Page - Force Technologies Ltd

  FT27C010 Datasheet HTML 1Page - Force Technologies Ltd FT27C010 Datasheet HTML 2Page - Force Technologies Ltd FT27C010 Datasheet HTML 3Page - Force Technologies Ltd FT27C010 Datasheet HTML 4Page - Force Technologies Ltd FT27C010 Datasheet HTML 5Page - Force Technologies Ltd FT27C010 Datasheet HTML 6Page - Force Technologies Ltd FT27C010 Datasheet HTML 7Page - Force Technologies Ltd FT27C010 Datasheet HTML 8Page - Force Technologies Ltd FT27C010 Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FT27C010(L)
Note:
1. Minimum voltage is -0.6V dc which may undershoot to -2.0V for pulses of less than 20 ns. Maximum output pin voltage is
VCC + 0.75V dc which may overshoot to +7.0 volts for pulses of less than 20 ns.
Notes: 1. X can be VIL or VIH.
2. Refer to Programming Characteristics
3. VH = 12.0 ± 0.5V.
4. Two identifier bytes may be selected. All Ai inputs are held low (VIL), except A9 which is set to VH and A0 which is toggled low
(VIL) to select the Manufacturer’s Identification byte and high (VIH) to select the Device Code byte.
Absolute Maximum Ratings*
Temperature Under Bias................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to
the device. This is a stress rating only and func-
tional operation of the device at these or any other
conditions beyond those indicated in the opera-
tional sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
Voltage on A9 with
Respect to Ground ......................................-2.0V to +14.0V(1)
VPP Supply Voltage with
Respect to Ground .......................................-2.0V to +14.0V(1)
Operating Modes
Mode\Pin
CE
OE
PGM
Ai
V
PP
Outputs
Read
VIL
VIL
X(1)
Ai
X
DOUT
Output Disable
X
VIH
XXX
High
Z
Standby
VIH
X
XXX
High
Z
Rapid Program(2)
VIL
VIH
VIL
Ai
VPP
DIN
PGM Verify
VIL
VIL
VIH
Ai
VPP
DOUT
PGM Inhibit
VIH
XX
X
VPP
High Z
Product Identification(4)
VIL
VIL
X
A9 = VH(3)
A0 = VIH or VIL
A1 - A16 = VIL
X
Identification Code
2006
3/11
Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com