Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAC182002FC Datasheet(PDF) 1 Page - Cree, Inc

Part # PXAC182002FC
Description  Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXAC182002FC Datasheet(HTML) 1 Page - Cree, Inc

  PXAC182002FC Datasheet HTML 1Page - Cree, Inc PXAC182002FC Datasheet HTML 2Page - Cree, Inc PXAC182002FC Datasheet HTML 3Page - Cree, Inc PXAC182002FC Datasheet HTML 4Page - Cree, Inc PXAC182002FC Datasheet HTML 5Page - Cree, Inc PXAC182002FC Datasheet HTML 6Page - Cree, Inc PXAC182002FC Datasheet HTML 7Page - Cree, Inc PXAC182002FC Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 03, 2018-06-25
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
PXAC182002FC
Thermally-Enhanced High Power RF LDMOS FET
180 W, 28 V, 1805 – 1880 MHz
Description
The PXAC182002FC is a 180-watt LDMOS FET with an asymmetri-
cal design intended for use in multi-standard cellular power amplifier
applications in the 1805 to 1880 MHz frequency band. Features
include dual-path design, input and output matching, high gain and
thermally-enhanced package with earless flanges. Manufactured
with Wolfspeed's advanced LDMOS process, this device provides
excellent thermal performance and superior reliability.
PXAC182002FC
Package H-37248-4
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty test fixture)
VDD = 28 V, IDQ = 400 mA, VGSPEAK = 1.1 V, POUT = 28.2 W avg, ƒ = 1880 MHz, 3GPP signal, channel bandwidth = 3.84
MHz, peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
15.5
16.5
—
dB
Drain Efficiency
hD
48.5
51
—
%
Adjancent Channel Power Ratio
ACPR
—
–30
–26
dBc
Features
• Broadband internal input and output matching
• Asymmetrical Doherty design
- Main: 70 W Typ (P1dB)
- Peak: 110 W Typ (P1dB)
• Typical pulsed CW performance, 1880 MHz, 28 V,
combined outputs
- Output power at P3dB = 194 W
- Efficiency = 64%
- Gain = 14 dB
• Capable of handling 10:1 VSWR @28 V, 110 W
(CW) output power
• Integrated ESD protection
• Human Body Model Class 1C (per ANSI/ESDA/
JEDEC/JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 400 mA, ƒ = 1880 MHz,
3GPP WCDMA signal,
PAR = 10 dB, 3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
c182002fc_g1


Similar Part No. - PXAC182002FC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC182002FC INFINEON-PXAC182002FC Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.2, 2015-06-05
PXAC182002FC INFINEON-PXAC182002FC Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
PXAC182002FCV1R0 INFINEON-PXAC182002FCV1R0 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
PXAC182002FCV1R0XTMA1 INFINEON-PXAC182002FCV1R0XTMA1 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
PXAC182002FCV1R250 INFINEON-PXAC182002FCV1R250 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
More results

Similar Description - PXAC182002FC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXFC193808SV INFINEON-PXFC193808SV Datasheet
196Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 380 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2015-01-13
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
logo
Cree, Inc
PXAE183708NB CREE-PXAE183708NB Datasheet
486Kb / 6P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 1805 ??1880 MHz
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182908FV CREE-PXAC182908FV Datasheet
515Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1805 ??1880 MHz
PXAD184218FV CREE-PXAD184218FV Datasheet
465Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
PTFB181702FC CREE-PTFB181702FC Datasheet
554Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 1805 ??1880 MHz
PXFE181507FC CREE-PXFE181507FC Datasheet
550Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 ??1880 MHz
logo
WOLFSPEED, INC.
PXFE181507FC WOLFSPEED-PXFE181507FC Datasheet
695Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 – 1880 MHz
Rev. 04, 2023-06-28
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com