Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAC182002FC Datasheet(PDF) 3 Page - Cree, Inc

Part # PXAC182002FC
Description  Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXAC182002FC Datasheet(HTML) 3 Page - Cree, Inc

  PXAC182002FC Datasheet HTML 1Page - Cree, Inc PXAC182002FC Datasheet HTML 2Page - Cree, Inc PXAC182002FC Datasheet HTML 3Page - Cree, Inc PXAC182002FC Datasheet HTML 4Page - Cree, Inc PXAC182002FC Datasheet HTML 5Page - Cree, Inc PXAC182002FC Datasheet HTML 6Page - Cree, Inc PXAC182002FC Datasheet HTML 7Page - Cree, Inc PXAC182002FC Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 03, 2018-06-25
3
PXAC182002FC
Typical Performance (data taken in a production test fixture)
0
10
20
30
40
50
60
-70
-60
-50
-40
-30
-20
-10
27
32
37
42
47
52
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 400 mA, ƒ = 1880 MHz,
3GPP WCDMA signal, PAR = 10 dB,
BW = 3.84 MHz
Efficiency
ACP Up
ACP Low
c182002fc_g2
-50
-45
-40
-35
-30
-25
-20
27
32
37
42
47
52
Average Output Power (dBm)
Single-carrier WCDMA 3GPP Drive-up
VDD = 28 V, IDQ = 400 mA, ƒ = 1805-1880 MHz,
3GPP WCDMA signal, PAR = 10 dB,
BW = 3.84 MHz
1880 ACPL
1880 ACPU
1842.5 ACPL
1842.5 ACPU
1805 ACPL
1805 ACPU
c182002fc_g3
5
15
25
35
45
55
65
0
4
8
12
16
20
24
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance
VDD = 28 V, IDQ = 400mA
1842.5 Gain
1805 Gain
1880 Gain
1880 Eff
1842.5 Eff
1805 Eff
Efficiency
Gain
c182002fc_g4
5
20
35
50
65
5
10
15
20
25
27
35
43
51
59
Output Power (dBm)
CW Performance
at various VDD
IDQ = 400 mA, ƒ = 1880 MHz
24V Gain
28V Gain
32V Gain
24V Eff
28V Eff
32V Eff
Gain
Efficiency
c182002fc_g5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com