Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAC182002FC Datasheet(PDF) 6 Page - Cree, Inc

Part # PXAC182002FC
Description  Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXAC182002FC Datasheet(HTML) 6 Page - Cree, Inc

  PXAC182002FC Datasheet HTML 1Page - Cree, Inc PXAC182002FC Datasheet HTML 2Page - Cree, Inc PXAC182002FC Datasheet HTML 3Page - Cree, Inc PXAC182002FC Datasheet HTML 4Page - Cree, Inc PXAC182002FC Datasheet HTML 5Page - Cree, Inc PXAC182002FC Datasheet HTML 6Page - Cree, Inc PXAC182002FC Datasheet HTML 7Page - Cree, Inc PXAC182002FC Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 03, 2018-06-25
6
PXAC182002FC
Reference Circuit (cont.)
Reference Circuit Assembly
DUT
PXAC182002FC V1
Test Fixture Part No.
LTA/PXAC182002FC V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper,
εr = 3.66, ƒ = 1805 – 1880 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
Components Information
Component
Description
Manufacturer
P/N
Input
C101
Capacitor, 1.2 pF
ATC
ATC600F1R2CW250T
C102
Capacitor, 0.5 pF
ATC
ATC600F0R5CW250T
C103, C104, C105, C106
Capacitor, 18 pF
ATC
ATC600F180JW250T
C107, C108
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
R101
Resistor, 50 W
Richardson
C8A50Z4A
R102
Resistor, 18 ohms
Panasonic Electronic Components
ERJ-8GEYJ180V
R103, R104
Resistor, 301 W
Venkel
CR0603-16W-3010FT
R105, R106
Resistor, 10 W
Panasonic Electronic Components
ERJ-3GEYJ100V
S1
Hybrid Coupler
Anaren
X3C19P1-03S
Output
C201, C207, C215,
C218, C219
Capacitor, 18 pF
ATC
ATC600F180JW250T
C202
Capacitor, 0.8 pF
ATC
ATC600F0R8AW250T
C203
Capacitor, 5.1 pF
ATC
ATC600F5R1AW250T
C204
Capacitor, 1.6 pF
ATC
ATC600F1R6AW250T
C205, C217
Capacitor, 220 µF
Cornell Dubilier Electronics
SK221M050ST
C206, C208, C209,
C211, C213, C214, C216
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C210
Capacitor, 0.5 pF
ATC
ATC600F0R5AW250T
C212
Capacitor, 1.6 pF
ATC
ATC600F1R6AW250T
Pinout Diagram (top view)
Pin Description
D1 Drain device 1 (Main)
D2 Drain device 2 (Peak)
G1 Gate device 1 (Main)
G2 Gate device 2 (Peak)
S Source (flange)
Lead connections for PXAC182002FC
H-37248-4_pd_10-10-2012
S
D1
D2
G1
G2
Main
Peak



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com