Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAC182002FC Datasheet(PDF) 5 Page - Cree, Inc

Part # PXAC182002FC
Description  Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXAC182002FC Datasheet(HTML) 5 Page - Cree, Inc

  PXAC182002FC Datasheet HTML 1Page - Cree, Inc PXAC182002FC Datasheet HTML 2Page - Cree, Inc PXAC182002FC Datasheet HTML 3Page - Cree, Inc PXAC182002FC Datasheet HTML 4Page - Cree, Inc PXAC182002FC Datasheet HTML 5Page - Cree, Inc PXAC182002FC Datasheet HTML 6Page - Cree, Inc PXAC182002FC Datasheet HTML 7Page - Cree, Inc PXAC182002FC Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 03, 2018-06-25
5
PXAC182002FC
Reference Circuit , 1805 – 1880 MHz
Reference circuit assembly diagram (not to scale)
PXAC182002FC_IN_01
C102
RF_IN
RF_OUT
VDD
VGS
VGSPK
c 1 8 2 0 0 2 f c _ C D _ 0 3 - 2 4 - 2 0 1 5
C101
C103
C105
C104
C106
C108
C107
C204
C206
C208
C207
C202
C201
C203
RO4350, .020
(61)
C210
C211
RO4350, .020
(60)
S1
R102
R101
R103
R104
R106
R105
PXAC182002FC_OUT_01
C216
C213
C209
C218
C215
C214
VDD
C217
C212
C219
C205



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com