Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAC182002FC Datasheet(PDF) 2 Page - Cree, Inc

Part # PXAC182002FC
Description  Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXAC182002FC Datasheet(HTML) 2 Page - Cree, Inc

  PXAC182002FC Datasheet HTML 1Page - Cree, Inc PXAC182002FC Datasheet HTML 2Page - Cree, Inc PXAC182002FC Datasheet HTML 3Page - Cree, Inc PXAC182002FC Datasheet HTML 4Page - Cree, Inc PXAC182002FC Datasheet HTML 5Page - Cree, Inc PXAC182002FC Datasheet HTML 6Page - Cree, Inc PXAC182002FC Datasheet HTML 7Page - Cree, Inc PXAC182002FC Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 03, 2018-06-25
2
PXAC182002FC
DC Characteristics (each side)
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
—
—
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
—
—
0.1
µA
VDS = 63 V, VGS = 0 V
IDSS
—
—
1.0
µA
On-State Resistance (main)
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.18
—
W
(peak)
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.135
—
W
Operating Gate Voltage (main)
VDS = 28 V, IDQ = 400 mA
VGS
2.55
2.65
2.75
V
(peak)
VDS = 28 V, IDQ = 0 A
VGS
0.9
1.2
1.3
V
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
—
—
0.1
µA
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Operating Voltage
VDD
0 to +32
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance (main, TCASE = 70°C, 28 W CW)
RqJC
1.088
°C/W
(peak, TCASE = 70°C, 100 W CW)
RqJC
0.587
°C/W
Ordering Information
Type and Version
Order Code
Package Description
Shipping
PXAC182002FC V1 R0
PXAC182002FC-V1-R0
H-37248-4, earless flange
Tape & Reel, 50 pcs
PXAC182002FC V1 R250
PXAC182002FC-V1-R250
H-37248-4, earless flange
Tape & Reel, 250 pcs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com